Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK77B3610GB- Datasheet (PDF) - Sony Corporation

CXK77B3610GB- Datasheet PDF - Sony Corporation
Part # CXK77B3610GB-
Download  CXK77B3610GB- Download
File Size   199.29 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Speed Bi-CMOS Synchronous Static RAM

CXK77B3610GB- Datasheet (PDF)

Go To PDF Page Download Datasheet
CXK77B3610GB- Datasheet PDF - Sony Corporation

Part # CXK77B3610GB-
Download  CXK77B3610GB- Click to download

File Size   199.29 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Speed Bi-CMOS Synchronous Static RAM

CXK77B3610GB- Datasheet (HTML) - Sony Corporation


CXK77B3610GB- Product details

Description
The CXK77B3610GB-6/7 is a high speed 1M bit Bi-CMOS synchronous statis RAM organized as 32768 words by 36 bits. This SRAM integrates input registers, high speed SRAM and write buffer onto a single monolithic IC and features the delayed write system to reduce the dead cycles.

Features
• Fast cycle time (Cycle) (Frequency)
    CXK77B3610GB-6 6ns 166MHz
    CXK77B3610GB-7 7ns 142MHz
• Inputs and outputs are LVTTL/LVCMOS compatible
• Single 3.3V power supply: 3.3V ± 0.15V
• Byte-write possible
• OE asynchronization
• JTAG test circuit
• Package 119TBGA
• 3 kinds of synchronous operation mode
    Register-Register mode (R-R mode)
    Register-Flow Thru mode (R-F mode)
    Register-Latch mode (R-L mode)




Similar Part No. - CXK77B3610GB-

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
High Speed Bi-CMOS Synchronous Static RAM
CXK77B3611AGB-5 SONY-CXK77B3611AGB-5 Datasheet
81Kb / 4P
High Speed Bi-CMOS Synchronous Static RAM
CXK77B3611AGB-6 SONY-CXK77B3611AGB-6 Datasheet
81Kb / 4P
High Speed Bi-CMOS Synchronous Static RAM
More results


Similar Description - CXK77B3610GB-

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B41020TM- SONY-CXK5B41020TM- Datasheet
131Kb / 9P
262144-word x 4-bit High Speed Bi-CMOS Static RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
CXK77B1810AGB SONY-CXK77B1810AGB Datasheet
82Kb / 4P
High Speed Bi-CMOS Synchronous Static RAM
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
High Speed Bi-CMOS Synchronous Static RAM
logo
White Electronic Design...
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
128Kx32 CMOS High Speed Static RAM
EDI8L32128V WEDC-EDI8L32128V Datasheet
190Kb / 7P
128Kx32 CMOS High Speed Static RAM
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
512Kx32 CMOS High Speed Static RAM
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519_18 Datasheet
353Kb / 28P
HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com