Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXL1501M Datasheet (PDF) - Sony Corporation

CXL1501M Datasheet PDF - Sony Corporation
Part # CXL1501M
Download  CXL1501M Download
File Size   181.59 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS-CCD Signal Processor

CXL1501M Datasheet (PDF)

Go To PDF Page Download Datasheet
CXL1501M Datasheet PDF - Sony Corporation

Part # CXL1501M
Download  CXL1501M Click to download

File Size   181.59 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS-CCD Signal Processor

CXL1501M Datasheet (HTML) - Sony Corporation


CXL1501M Product details

Description
The CXL1501M is a CMOS-CCD signal processor designed for 8-mm VCR video signal processing. In combination with the 8-mm VCR video Y/C signal processing IC CXA1200Q, this IC configures a comb filter for Y/C separation in recording an image and elimination of crosstalk in playing back.

Features
• Single power supply 5V
• Low power consumption 225mW (Typ.)
• Built-in peripheral circuits
• Completely adjustment free
• Built-in quadruple progression PLL circuit
• For NTSC signals

Functions
• 1H comb filter output
• Dropout compensation (D.O.C) output
• Delay time matching through output (THR)
• PLL circuit (quadruple progression)
• Clock driver
• Autobias circuit
• Sync tip clamp circuit
• Sample and hold circuit




Similar Part No. - CXL1501M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1502M SONY-CXL1502M Datasheet
197Kb / 14P
CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
CMOS-CCD Signal Processor
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
CMOS-CCD 1H Delay Line for NTSC
CXL1505M SONY-CXL1505M Datasheet
179Kb / 9P
CMOS-CCD Signal Processor
CXL1506 SONY-CXL1506 Datasheet
170Kb / 12P
CMOS-CCD 1H/2H Delay Line for PAL
More results


Similar Description - CXL1501M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1008M SONY-CXL1008M Datasheet
274Kb / 13P
CMOS-CCD Signal Processor for Skew Compensation
CXL1009P SONY-CXL1009P Datasheet
216Kb / 9P
CMOS-CCD SIGNAL PROCESSOR FOR TBC
CXL1502M SONY-CXL1502M Datasheet
197Kb / 14P
CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
CMOS-CCD Signal Processor
CXL1517M SONY-CXL1517M Datasheet
97Kb / 7P
CMOS-CCD Signal Processor
CXL1517N SONY-CXL1517N Datasheet
101Kb / 7P
CMOS-CCD Signal Processor
logo
Holtek Semiconductor In...
HT82V863R HOLTEK-HT82V863R Datasheet
2Mb / 17P
CCD Digital Signal Processor
September 30, 2011
logo
Analog Devices
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
CCD Signal Processor
12/2017-Rev. D to Rev. E
ADDI9020 AD-ADDI9020_15 Datasheet
75Kb / 2P
60 MHz CCD Signal Processor
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
CCD Signal Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com