Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1131B Datasheet (PDF) - RF Monolithics, Inc

SF1131B Datasheet PDF - RF Monolithics, Inc
Part # SF1131B
Download  SF1131B Download
File Size   109.8 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 266 MHz SAW Filter

SF1131B Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1131B Datasheet PDF - RF Monolithics, Inc

Part # SF1131B
Download  SF1131B Click to download

File Size   109.8 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 266 MHz SAW Filter

SF1131B Datasheet (HTML) - RF Monolithics, Inc


SF1131B Product details

• Designed for GPS Applications

• Quartz Temperature Stability

• Small Size

• Hermetic 7 x 5 mm Surface-mount Case

• Complies with Directive 2002/95/EC (RoHS)



 




Similar Part No. - SF1131B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1131B MURATA-SF1131B Datasheet
235Kb / 3P
Designed for GPS Applications
More results


Similar Description - SF1131B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2BV3877 PERICOM-PI2BV3877 Datasheet
339Kb / 4P
2-Port 266 MHz DDR BusSwitch
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
266 MHz i.MX family of microprocessors
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
NXP Semiconductors
MC9328MX21 NXP-MC9328MX21 Datasheet
1Mb / 100P
MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com