Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP750010 Datasheet (PDF) - Sony Corporation

CXP750010 Datasheet PDF - Sony Corporation
Part # CXP750010
Download  CXP750010 Download
File Size   340.6 Kbytes
Page   25 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP750010 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP750010 Datasheet PDF - Sony Corporation

Part # CXP750010
Download  CXP750010 Click to download

File Size   340.6 Kbytes
Page   25 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP750010 Datasheet (HTML) - Sony Corporation


CXP750010 Product details

CMOS 8-bit Single Chip Microcomputer



Description

The CXP750096/750010, CXP750097/750011 are the CMOS 8-bit single chip microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time-base timer, on-screen display function, I2C bus interface, PWM output, remote control reception circuit, HSYNC counter, watchdog timer, 32kHz timer/counter besides the basic configurations of 8-bit CPU,

ROM, RAM, I/O ports.

The CXP750096/750010, CXP750097/750011 also provide a sleep function that enables to lower the power consumption.



Features

• A wide instruction set (213 instructions) which covers various types of data

  – 16-bit operation/multiplication and division/Boolean bit operation instructions

• Minimum instruction cycle 167ns at 24MHz operation 122µs at 32kHz operation

• Incorporated ROM 96K bytes (CXP750096/750097) 120K bytes (CXP750010/750011)

• Incorporated RAM 2496 bytes(Excludes VRAM for on-screen display)

• Peripheral functions

– A/D converter      8-bit 6-channel successive approximation method (Conversion time of 3.25µs at 16MHz)

– Serial interface     8-bit clock sync type, 1 channel

– Timer 8-bit timer  8-bit timer/counter

                          19-bit time-base timer

                          32 kHz timer/counter

– On-screen display (OSD) function           24 ×32 dots, 512 character types,

                                                         15 character colors, 2 lines ×32 characters,

                                                         frame background 8 colors/ half blanking,

                                                         background on full screen 15 colors/ half blanking

                                                         edging/ shadowing/ rounding for every line, 

                                                         background with shadow for every character, double scanning,

                                                         sprite OSD,

                                                        24 ×32 dots, 1 screen, 8 colors for every dot

– I2C bus interface

– PWM output 8 bits, 8 channels 14 bits, 1 channel

– Remote control reception circuit 8-bit pulse measurement counter, 6-stage FIFO

– HSYNC counter 2 channels

– Watchdog timer

• Interruption  13 factors, 13 vectors, multi-interruption possible

• Standby mode Sleep

• Package  64-pin plastic SDIP/QFP, 52-pin plastic SDIP

• Piggyback/evaluator CXP750000 64-pin ceramic PQFP/PSDIP (Supports custom font)

 




Similar Part No. - CXP750010

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP750000 SONY-CXP750000 Datasheet
241Kb / 10P
CMOS 8-bit Single Chip Microcomputer
CXP7500P10 SONY-CXP7500P10 Datasheet
354Kb / 25P
CMOS 8-bit Single Chip Microcomputer
CXP7500P11 SONY-CXP7500P11 Datasheet
354Kb / 25P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP750010

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com