Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP81724B Datasheet (PDF) - Sony Corporation

CXP81724B Datasheet PDF - Sony Corporation
Part # CXP81724B
Download  CXP81724B Download
File Size   351.88 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP81724B Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP81724B Datasheet PDF - Sony Corporation

Part # CXP81724B
Download  CXP81724B Click to download

File Size   351.88 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP81724B Datasheet (HTML) - Sony Corporation


CXP81724B Product details

Description
The CXP81720B/81724B is a CMOS 8-bit microcomputer which consists of A/D converter, serial interface, timer/counter, time-base timer, high precision timing pattern generation circuit, PWM output, 32kHz timer/counter, remote control reception circuit, as well as basic configurations like 8-bit CPU, ROM, RAM and I/O port. They are integrated into a single chip.
Also CXP81720B/81724B provides sleep/stop functions which enables to lower power consumption.

Features
• A wide instruction set (213 instructions) which covers various types of data
    — 16-bit arithmetic/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle 250ns at 16MHz operation (4.5 to 5.5V)
                                            122µs at 32kHz operation (2.7 to 5.5V)
• Incorporated ROM capacity 20K bytes (CXP81720B)
                                               24K bytes (CXP81724B)
• Incorporated RAM capacity 800 bytes
• Peripheral functions
    — A/D converter 8 bits, 12 channels, successive approximation method (Conversion time of 20.0µs at 16MHz)
    — Serial interface Incorporated 8-bit and 8-stage FIFO, 1 channel (Auto transfer for 1 to 8 bytes)
                                                       8-bit clock sync type, 1 channel
    — Timer 8-bit timer, 8-bit timer/counter, 19-bit time-base timer 32kHz timer/counter
    — High-precision timing pattern generator PPG: maximum of 19 pins, 32 stages programmable
                                                                        RTG: 5 pins, 2 channels
    — PWM/DA gate output PWM: 12 bits, 2 channels (Repetitive frequency 62kHz/16MHz)
                                            DA gate pulse output: 12 bits, 4 channels
    — FRC capture unit Incorporated 26-bit and 8-stage FIFO
    — PWM output 14 bits, 1 channel
    — Remote control reception circuit 8-bit pulse measuring counter, 6-stage FIFO
• Interruption 20 factors, 15 vectors, multi-interruption possible
• Standby mode Sleep/stop
• Package 100-pin plastic QFP/LQFP
• Piggyback/evaluator CXP81800




Similar Part No. - CXP81724B

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP81724A SONY-CXP81724A Datasheet
515Kb / 23P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP81724B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com