Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3181D Datasheet (PDF) - RF Monolithics, Inc

RF3181D Datasheet PDF - RF Monolithics, Inc
Part # RF3181D
Download  RF3181D Download
File Size   63.43 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 916.5 MHz SAW Filter

RF3181D Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3181D Datasheet PDF - RF Monolithics, Inc

Part # RF3181D
Download  RF3181D Click to download

File Size   63.43 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 916.5 MHz SAW Filter

RF3181D Datasheet (HTML) - RF Monolithics, Inc


RF3181D Product details

The RF3181D is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 916.5 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remote-control and security, data telemetry, and meter reading devices operating in the USA under FCC Part 15 and in Canada under DoC RSS-210.

• Ideal Front-End Filter for 916.5 MHz Wireless Receivers
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF3181D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3181D MURATA-RF3181D Datasheet
63Kb / 2P
916.50 MHz SAW Filter
More results


Similar Description - RF3181D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1181D RFM-RF1181D Datasheet
110Kb / 3P
916.5 MHz SAW Filter
RF1181B RFM-RF1181B Datasheet
295Kb / 2P
916.5 MHz SAW Filter
RO2144A RFM-RO2144A Datasheet
100Kb / 2P
916.5 MHz SAW Resonator
RO2144D RFM-RO2144D Datasheet
97Kb / 2P
916.5 MHz SAW Resonator
RO2144E RFM-RO2144E Datasheet
96Kb / 2P
916.5 MHz SAW Resonator
logo
Abracon Corporation
AFS916.5S3 ABRACON-AFS916.5S3 Datasheet
109Kb / 1P
SMD 916.5 MHz SAW FILTER
logo
RF Monolithics, Inc
RF3181E RFM-RF3181E Datasheet
201Kb / 2P
916.5 MHz SAW Filter
logo
API Technologies Corp
SF0917BA03231S APITECH-SF0917BA03231S Datasheet
1Mb / 3P
916.5 MHz SAW Bandpass Filter, 500 kHz Bandwidth
logo
Murata Manufacturing Co...
RO3144A MURATA-RO3144A Datasheet
462Kb / 2P
916.5 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0391B TAI-SAW-TC0391B Datasheet
272Kb / 5P
SAW Resonator 916.5 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com