Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2024D Datasheet (PDF) - RF Monolithics, Inc

SF2024D Datasheet PDF - RF Monolithics, Inc
Part # SF2024D
Download  SF2024D Download
File Size   155.61 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 467.751 MHz SAW Filter

SF2024D Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2024D Datasheet PDF - RF Monolithics, Inc

Part # SF2024D
Download  SF2024D Click to download

File Size   155.61 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 467.751 MHz SAW Filter

SF2024D Datasheet (HTML) - RF Monolithics, Inc


SF2024D Product details

467.751 MHz SAW Filter

• Designed for SDARS Receiver IF Application
• Low Insertion Loss
• 3.8 X 3.8 X 1.2 mm Surface-Mount Case
• Differential Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2024D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2024D MURATA-SF2024D Datasheet
155Kb / 5P
467.751 MHz SAW Filter
logo
RF Monolithics, Inc
SF2024D-1 RFM-SF2024D-1 Datasheet
174Kb / 5P
467.751 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2024D-1 MURATA-SF2024D-1 Datasheet
174Kb / 5P
467.751 MHz SAW Filter
More results


Similar Description - SF2024D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2024B RFM-SF2024B Datasheet
222Kb / 5P
467.751 MHz SAW Filter
SF2024D-1 RFM-SF2024D-1 Datasheet
174Kb / 5P
467.751 MHz SAW Filter
SF2024E-1 RFM-SF2024E-1 Datasheet
795Kb / 4P
467.751 MHz SAW Filter
SF2024E-2 RFM-SF2024E-2 Datasheet
791Kb / 4P
467.751 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2024B MURATA-SF2024B Datasheet
222Kb / 5P
467.751 MHz SAW Filter
SF2024D MURATA-SF2024D Datasheet
155Kb / 5P
467.751 MHz SAW Filter
SF2024D-1 MURATA-SF2024D-1 Datasheet
174Kb / 5P
467.751 MHz SAW Filter
SF2024E-1 MURATA-SF2024E-1 Datasheet
795Kb / 4P
467.751 MHz SAW Filter
SF2024E-2 MURATA-SF2024E-2 Datasheet
791Kb / 4P
467.751 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com