Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP82324 Datasheet (PDF) - Sony Corporation

CXP82324 Datasheet PDF - Sony Corporation
Part # CXP82324
Download  CXP82324 Download
File Size   325.39 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82324 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP82324 Datasheet PDF - Sony Corporation

Part # CXP82324
Download  CXP82324 Click to download

File Size   325.39 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82324 Datasheet (HTML) - Sony Corporation


CXP82324 Product details

Description
The CXP82316/82320/82324 microcomputer is composed of a CPU, ROM and RAM, and I/O ports. These chips feature many other high-performance circuits in a single-chip CMOS design, including an A/D converter, serial interface, timer/counter, time base timer, capture timer/counter, fluorescent display controller/driver, remote control receiver.
This device also includes a power-on reset function and sleep/stop functions which can be used to achieve low power consumption.

Features
• Instruction set which supports a wide array of data types
    — 213 types of instructions which include 16-bit calculations, multiplication and division arithmetic, and boolean bit operations.
• Minimum instruction cycle 400ns for 10MHz operation
• On-chip ROM 16K bytes (CXP82316)
    20K bytes (CXP82320)
    24K bytes (CXP82324)
• On-chip RAM 704 bytes (Including fluorescent display data area)
• Peripheral functions:
    — A/D converter 8-bit, 8-channel, successive approximation system (conversion rate 32µs/10MHz)
    — Serial interface On-chip 8-bit, 8-stage FIFO (1 to 8 bytes auto transfer) 1 channel
                                  8-bit clock synchronized 1 channel
    — Timers 8-bit timer
                    8-bit timer/counter
                    19-bit time-base timer
                    16-bit capture timer/counter
    — Fluorescent display controller/driver
                     Maximum of 336 segment display available
                     1 to 16 digits dynamic display
                     Dimmer function
                     High voltage tolerant output (40V)
                     On-chip pull-down resistor (Mask option)
    — Remote control receiver circuit
                          On-chip noise elimination circuit
                          On-chip 6 stage FIFO 8-bit pulse measurement counter
• Interrupts 14 factors, 15 vectors multi-interruption possible
• Standby mode Sleep/stop
• Package 80-pin plastic QFP
• Piggyback/evaluator CXP82300 80-pin ceramic QFP




Similar Part No. - CXP82324

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82300 SONY-CXP82300 Datasheet
117Kb / 5P
CMOS 8-bit Single Chip Microcomputer
CXP823P24 SONY-CXP823P24 Datasheet
327Kb / 20P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP82324

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com