Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP82432A Datasheet (PDF) - Sony Corporation

CXP82432A Datasheet PDF - Sony Corporation
Part # CXP82432A
Download  CXP82432A Download
File Size   383.85 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82432A Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP82432A Datasheet PDF - Sony Corporation

Part # CXP82432A
Download  CXP82432A Click to download

File Size   383.85 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82432A Datasheet (HTML) - Sony Corporation


CXP82432A Product details

Description
The CXP82432A/82440A is a CMOS 8-bit single chip microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time base timer, capture timer counter, fluorescent display tube controller/driver, remote control reception circuit, CTL duty detection circuit, 14-bit PWM output and high-speed output circuit besides the basic configurations of 8-bit CPU, ROM, RAM, and I/O port.
The CXP82432A/82440A also provides sleep/stop function that enables lower power consumption.

Features
• Wide-range instruction system (213 instructions) to cover various types of data
    —16-bit arithmetic/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle 400ns at 10MHz operation (122µs at 32kHz operation)
• Incorporated ROM capacity 32K bytes (CXP82432A) 40K bytes (CXP82440A)
• Incorporated RAM capacity 1120 bytes (including fluorescent display area)
• Peripheral functions
    — A/D converter 8-bit, 8-channel, successive approximation method (Conversion time of 32µs/10MHz)
    — Serial interface 8-bit, 8-stage FIFO incorporated (Auto transfer for 1 to 8 bytes), 1 channel 8-bit clock synchronized type, 1 channel
    — Timers 8-bit timer, 8-bit timer/counter, 19-bit time base timer 16-bit capture timer/counter, 32kHz timer/counter
    — Fluorescent display tube controller/driver Maximum of 384 segments display possible 1 to 16-digit dynamic display Dimmer function High voltage drive output (40V) Incorporated pull-down resistor (Mask option) Hardware key scan function Maximum of 16 x 8 key matrix compatible
    — Remote control reception circuit Incorporated noise elimination circuit 8-bit pulse measuring counter, 6-stage FIFO
    — PWM output circuit 14 bits, 1 channel
    — CTL duty detection circuit
    — High-speed output circuit Precision of 800ns at 10MHz, 4 outputs
• Interruption 19 factors, 15 vectors, multi-interruption possible
• Standby mode SLEEP/STOP
• Package 100-pin plastic QFP
• Piggyback/evaluation chip CXP82400A 100-pin ceramic QFP




Similar Part No. - CXP82432A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82400A SONY-CXP82400A Datasheet
278Kb / 5P
CMOS 8-bit Single Chip Microcomputer
CXP824P40A SONY-CXP824P40A Datasheet
384Kb / 21P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP82432A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com