Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP82712 Datasheet (PDF) - Sony Corporation

CXP82712 Datasheet PDF - Sony Corporation
Part # CXP82712
Download  CXP82712 Download
File Size   228.65 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82712 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP82712 Datasheet PDF - Sony Corporation

Part # CXP82712
Download  CXP82712 Click to download

File Size   228.65 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82712 Datasheet (HTML) - Sony Corporation


CXP82712 Product details

Description
The CXP82712/82716 microcomputer is composed of a 8-bit CPU, ROM, RAM, and I/O ports. These chips feature many other high-performance circuits in a single-chip CMOS design, including an A/D converter, serial interface, timer/counter, time base timer, fluorescent display controller/driver, remote control receiver, PWM output circuit and 32kHz timer/counter.
This device also includes sleep/stop functions which can be used to achieve low power consumption.

Features
• Instruction set which supports a wide array of data types
    — 213 types of instructions which include 16-bit calculations, multiplication and division arithmetic, and boolean bit operations.
• Minimum instruction cycle 400ns for 10MHz, 122µs for 32kHz operation
• On-chip ROM 12K bytes (CXP82712) 16K bytes (CXP82716)
• On-chip RAM 448 bytes (Including fluorescent display data area)
• Peripheral functions
    — A/D converter 8-bit, 8-channel, successive approximation system (conversion rate 32µs/10MHz)
    — Serial interface On-chip 8-bit, 8-stage FIFO (1 to 8 bytes auto transfer), 1 circuit 2-channel
    — Timers 8-bit timer
                     8-bit timer/counter
                     19-bit time base timer
                     32kHz timer/counter
    — Fluorescent display controller/driver 24 high voltage tolerance output ports
                                      Maximum of 144 segments display available
                                      1 to 16 digits dynamic display
                                       Dimmer function
                                       High voltage tolerance output (40V)
                                       On-chip pull-down resistor (Mask option)
                                       Hardware key scan function (Maximum of 8 × 8 key matrix available)
    — Remote control receiver circuit On-chip 6-stage FIFO 8-bit pulse measurement counter
    — PWM output 8-bit, 1-channel
• Interruption 13 factors, 13 vectors, multi-interruption possible
• Standby mode Sleep/stop
• Package 64-pin plastic SDIP
• Piggyback/evaluator CXP82700 64-pin ceramic SDIP




Similar Part No. - CXP82712

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82700 SONY-CXP82700 Datasheet
187Kb / 5P
CMOS 8-bit Single Chip Microcomputer
CXP827P16 SONY-CXP827P16 Datasheet
310Kb / 21P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP82712

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com