Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP82800 Datasheet (PDF) - Sony Corporation

CXP82800 Datasheet PDF - Sony Corporation
Part # CXP82800
Download  CXP82800 Download
File Size   284.48 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82800 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP82800 Datasheet PDF - Sony Corporation

Part # CXP82800
Download  CXP82800 Click to download

File Size   284.48 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82800 Datasheet (HTML) - Sony Corporation


CXP82800 Product details

Description
The CXP82800 is a CMOS 8-bit single chip microcomputer of piggyback/evaluator combined type, which is developed for evaluating the function of the CXP82832/82840/82852/82860.

Features
• Wide-range instruction system (213 instructions) to cover various types of data
   —16-bit operation/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle 400ns at 10MHz operation
   122µs at 32kHz operation
• Applicable EPROM LCC type 27C512 (Maximum 60K bytes are available.)
• Incorporated RAM capacity 1536 bytes (Including fluorescent display data area)
• Peripheral functions
   — A/D converter 8-bit, 8-channel, successive approximation method
      (Conversion time of 32µs/10MHz)
   — Serial interface Incorporated 8-bit, 8-stage FIFO
      (Auto transfer for 1 to 8 bytes), 1 channel
      8-bit clock sync type, 1 channel
   — Timers 8-bit timer
      8-bit timer/counter
      19-bit time base timer
      16-bit capture timer/counter
      32kHz timer/counter
   — Fluorescent display panel controller/driver Supports the universal grid fluorescent display panel.
      High voltage drive output port of 56 pins (40V)
      Maximum of 640 segments display possible
      Display timing number of 1 to 20
      Dimmer function
      Incorporated pull-down resistor (Mask option)
      Hardware key scan function
      (Maximum 16 × 8 key matrix compatible)
   — Remote control receiving circuit 8-bit pulse measurement counter with on-chip 6-stage FIFO
   — PWM output 14 bits, 1 channel
• Interruption 16 factors, 15 vectors, multi-interruption possible
• Standby mode SLEEP/STOP
• Package 100-pin ceramic PQFP




Similar Part No. - CXP82800

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82832 SONY-CXP82832 Datasheet
404Kb / 22P
CMOS 8-bit Single Chip Microcomputer
CXP82840 SONY-CXP82840 Datasheet
404Kb / 22P
CMOS 8-bit Single Chip Microcomputer
CXP82852 SONY-CXP82852 Datasheet
404Kb / 22P
CMOS 8-bit Single Chip Microcomputer
CXP82860 SONY-CXP82860 Datasheet
404Kb / 22P
CMOS 8-bit Single Chip Microcomputer
CXP828P60 SONY-CXP828P60 Datasheet
302Kb / 22P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP82800

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com