Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP85390A Datasheet (PDF) - Sony Corporation

CXP85390A Datasheet PDF - Sony Corporation
Part # CXP85390A
Download  CXP85390A Download
File Size   359.03 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit 1-chip Microcomputer

CXP85390A Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP85390A Datasheet PDF - Sony Corporation

Part # CXP85390A
Download  CXP85390A Click to download

File Size   359.03 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit 1-chip Microcomputer

CXP85390A Datasheet (HTML) - Sony Corporation


CXP85390A Product details

Description
The CXP85300A/85390A are CMOS 8-bit 1-chip microcomputers that serve as both piggyback and evaluator. The CXP85300A/85390A are developed for evaluating the function of the CXP85324A/CXP 85332A/85340A.

Features
• Instruction set which supports a wide array of data types
    — 213 types of instructions which include 16-bit calculations, multiplication and division arithmetic, and boolean bit operations.
• Minimum instruction cycle 1µs/4MHz (4MHz version) 0.5µs/8MHz (8MHz version)
• EPROM 27C512 LCC type 27C512
• Incorporated RAM capacity 576 bytes
• EPROM for custom font (CXP85390A only) LCC type 27C256, LCC type 27C512 (used volume is 16K bytes)

• Peripheral functions
    — On-screen display function 12 × 18 dots, 256 types 15 colors, 21 characters × 12 lines Black frame output half blanking, shadow, background color on full screen/ half blanking
        Double scanning mode, jitter elimination circuit
    — I2C bus interface
    — PWM output 14 bits, 1 channel 8 bits, 8 channels
    — Remote control receiving circuit 8-bit pulse measurement counter, 6-stage FIFO
    — A/D converter 8 bits, 4 channels, successive approximation system (conversion time of 40µs/4MHz, 8MHz)
    — HSYNC counter
    — Power supply frequency counter
    — Watchdog timer
    — Serial I/O 8-bit clock synchronized
    — Timers 8-bit timer, 8-bit timer/counter, 19-bit time-base timer
• Interrupts 14 factors, 14 vectors multi-interruption possible
• Standby mode Sleep
• Package 64-pin ceramic SDIP/QFP




Similar Part No. - CXP85390A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85324A SONY-CXP85324A Datasheet
261Kb / 21P
CMOS 8-bit Single Chip Microcomputer
CXP85332A SONY-CXP85332A Datasheet
261Kb / 21P
CMOS 8-bit Single Chip Microcomputer
CXP85340A SONY-CXP85340A Datasheet
261Kb / 21P
CMOS 8-bit Single Chip Microcomputer
CXP853P40A SONY-CXP853P40A Datasheet
266Kb / 22P
CMOS 8-bit Single-chip Microcomputer
More results


Similar Description - CXP85390A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85200A SONY-CXP85200A Datasheet
358Kb / 12P
CMOS 8-bit 1-chip Microcomputer
CXP85400 SONY-CXP85400 Datasheet
358Kb / 12P
CMOS 8-bit 1-chip Microcomputer
logo
Seiko Instruments Inc
S-1810CF SII-S-1810CF Datasheet
364Kb / 6P
CMOS 8-bit 1-chip MICROCOMPUTER
logo
Sanyo Semicon Device
LC876748C SANYO-LC876748C Datasheet
328Kb / 23P
CMOS LSI 8 BIT 1 CHIP MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com