Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0420CDMCB Datasheet (PDF) - Sumida Corporation

0420CDMCB Datasheet PDF - Sumida Corporation
Part # 0420CDMCB
Download  0420CDMCB Download
File Size   171.49 Kbytes
Page   3 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Magnetically shielded.

0420CDMCB Datasheet (PDF)

Go To PDF Page Download Datasheet
0420CDMCB Datasheet PDF - Sumida Corporation

Part # 0420CDMCB
Download  0420CDMCB Click to download

File Size   171.49 Kbytes
Page   3 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Magnetically shielded.

0420CDMCB Datasheet (HTML) - Sumida Corporation


0420CDMCB Product details

Description
• Magnetically shielded.
• L×W×H: 4.75×4.35×2.0 mm Max.
• Product weight: 0.17g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.

Environmental Data
• Operating temperature range: -40℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40℃~+105℃
• Solder reflow temperature: 260 ℃ peak.

Packaging
• Carrier tape and reel packaging.

Applications
• Ideally used in notebook, ultra book, tablet PC, LCD display, SSD and other low profile high current application.




Similar Part No. - 0420CDMCB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0420CDMCCDS SUMIDA-0420CDMCCDS Datasheet
207Kb / 5P
SMD Power Inductor
0420CDMCCDS-100MC SUMIDA-0420CDMCCDS-100MC Datasheet
207Kb / 5P
SMD Power Inductor
0420CDMCCDS-100MC SUMIDA-0420CDMCCDS-100MC Datasheet
207Kb / 5P
SMD Power Inductor
0420CDMCCDS-150MC SUMIDA-0420CDMCCDS-150MC Datasheet
207Kb / 5P
SMD Power Inductor
0420CDMCCDS-150MC SUMIDA-0420CDMCCDS-150MC Datasheet
207Kb / 5P
SMD Power Inductor
More results


Similar Description - 0420CDMCB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0412CDMC SUMIDA-0412CDMC Datasheet
126Kb / 3P
Magnetically shielded.
0415CDMC SUMIDA-0415CDMC Datasheet
116Kb / 2P
Magnetically shielded.
0520CDMC SUMIDA-0520CDMC Datasheet
139Kb / 4P
Magnetically shielded
0415CDMCBDS SUMIDA-0415CDMCBDS Datasheet
130Kb / 3P
Magnetically shielded
0520CDMCBDS SUMIDA-0520CDMCBDS Datasheet
139Kb / 4P
Magnetically shielded
logo
TOKO, Inc
MDT1608-CH TOKO-MDT1608-CH Datasheet
215Kb / 1P
Magnetically shielded
MDT2520ACN TOKO-MDT2520ACN Datasheet
128Kb / 1P
Magnetically shielded
MBH7045C TOKO-MBH7045C Datasheet
297Kb / 2P
Magnetically shielded
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
Magnetically shielded
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
Magnetically shielded
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com