Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5120T Datasheet (PDF) - Intersil Corporation

EL5120T Datasheet PDF - Intersil Corporation
Part # EL5120T
Download  EL5120T Download
File Size   511.49 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz Rail-to-Rail Input-Output Operational Amplifier

EL5120T Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5120T Datasheet PDF - Intersil Corporation

Part # EL5120T
Download  EL5120T Click to download

File Size   511.49 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz Rail-to-Rail Input-Output Operational Amplifier

EL5120T Datasheet (HTML) - Intersil Corporation


EL5120T Product details

12MHz Rail-to-Rail Input-Output Operational Amplifier

The EL5120T is a high voltage rail-to-rail input-output amplifier with low power consumption. The EL5120T is a single amplifier that exhibits beyond the rail input capability, rail-to-rail output capability, and is unity gain stable.
The operating voltage range is from 4.5V to 19V. It can be configured for single or dual supply operation, and typically consumes only 750µA. The EL5120T has an output short circuit capability of ±200mA and a continuous output current capability of ±70mA.

Features
• 750µA supply current
• 12MHz (-3dB) bandwidth
• 4.5V to 19V maximum supply voltage range
• 12V/µs slew rate
• ±70mA continuous output current
• ±200mA output short circuit current
• Unity-gain stable
• Beyond the rails input capability
• Rail-to-rail output swing
• Built-in thermal protection
• -40°C to +85°C ambient temperature range
• Pb-free (RoHS compliant)

Applications
• TFT-LCD panel - tablet, monitor, notebook
    - VCOM amplifier, static gamma buffer, panel repair
• Electronic notebooks, games
• Touch-screen displays
• Personal communication devices, digital assistants (PDA)
• Portable instrumentation
• Sampling ADC amplifiers
• Wireless LANs
• Office automation
• Active filters
• ADC/DAC buffer




Similar Part No. - EL5120T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120 INTERSIL-EL5120 Datasheet
494Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
379Kb / 20P
12MHz Rail-to-Rail Input-Output Op Amps
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
More results


Similar Description - EL5120T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 25, 2009
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com