Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP85840 Datasheet (PDF) - Sony Corporation

CXP85840 Datasheet PDF - Sony Corporation
Part # CXP85840
Download  CXP85840 Download
File Size   277.4 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP85840 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP85840 Datasheet PDF - Sony Corporation

Part # CXP85840
Download  CXP85840 Click to download

File Size   277.4 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP85840 Datasheet (HTML) - Sony Corporation


CXP85840 Product details

Description
The CXP85840A/85848A/85856A are the CMOS 8-bit microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time-base timer, closed caption decoder, data slicer, on-screen display function, I2C bus interface, PWM output, remote control reception circuit, HSYNC counter and watchdog timer, besides the basic configurations of 8-bit CPU, ROM, RAM, I/O ports.
The CXP85840A/85848A/85856A also provide a power-on reset function and sleep function that enables to lower the power consumption.

Features
• A wide instruction set (213 instructions) which covers various types of data
    - 16-bit operation/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle 333ns at 12MHz operation
• Incorporated ROM 40K bytes (CXP85840A) 48K bytes (CXP85848A) 56K bytes (CXP85856A)
• Incorporated RAM 2176 bytes (Excludes closed caption decoder and VRAM for on-screen display)
• Peripheral functions
    – A/D converter 8-bit 6-channel successive approximation method (Conversion time of 26.7µs at 12MHz)
    – Serial interface 8-bit clock sync type, 1 channel
    – Timer 8-bit timer
        8-bit timer/counter
        19-bit time-base timer
    – Closed caption decoder Data slicer
        Corresponds to FCC (EDS supported), 8 × 13 dots, 192 character types
        15 character colors, 4 lines × 34 characters
        frame background 15 colors/ half blanking
        italic, underline, vertical scrolling
    – On-screen display (OSD) function 12 × 16 dots, 192 character types, 15 character colors
        2 lines × 24 characters
        frame background 8 colors/ half blanking
        background on full screen 15 colors/ half blanking
        edging and vertical scrolling for every line
        jitter elimination circuit
        sprite OSD, 12 × 16 dots, 1 screen, 8 colors for every dot
    – I2C bus interface
    – PWM output 8 bits, 8 channels
    – Remote control reception circuit 8-bit pulse measurement counter, 6-stage FIFO
    – HSYNC counter 2 channels
    – Watchdog timer
• Interruption 15 factors, 15 vectors, multi-interruption possible
• Standby mode Sleep
• Package 64-pin plastic SDIP/QFP
• Piggyback/evaluator CXP85890A 64-pin ceramic PSDIP (Supports custom font)




Similar Part No. - CXP85840

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
CMOS 8-bit Single Chip Microcomputer
CXP858P56A SONY-CXP858P56A Datasheet
286Kb / 22P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP85840

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com