| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX2056
|
716Kb / 12P |
800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05 |
|
MAX2065
|
872Kb / 27P |
50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08 |
|
MAX2064
|
3Mb / 20P |
Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10 |
|
MAX2092
|
2Mb / 15P |
700MHz to 2700MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Rev 0; 6/12 |
|
MAX2091
|
5Mb / 29P |
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
Rev 0; 7/12 |
 RF Micro Devices |
RFGA0014
|
491Kb / 7P |
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
|
|
RFGA0024
|
491Kb / 7P |
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
|
 Maxim Integrated Produc... |
MAX2062
|
3Mb / 24P |
Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15 |
|
MAX2067
|
299Kb / 23P |
50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08 |
|
MAX2090
|
688Kb / 14P |
50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
2015 |