|
Description The CXP87300 is a CMOS 8-bit single chip microcomputer of piggyback/evaluator combined type, which is developed for evaluating the function of the CXP87352/87360. Features • A wide instruction set (213 instructions) which cover various types of data. — 16-bit operation/multiplication and division/ boolean bit operation instructions • Minimum instruction cycle 333ns at 12MHz operation (3.0 to 5.5V) 250ns at 16MHz operation (4.5 to 5.5V) 122µs at 32kHz operation • Applicable EPROM LCC type 27C256, LCC type 27C512 (Maximum 60Kbytes are available.) • Incorporated RAM capacity 2048 bytes • Peripheral functions – A/D converter 8-bit, 12-channel, successive approximation method (Conversion time of 20µs/16MHz) – Serial interface Incorporated buffer RAM (Auto transfer for 1 to 32 bytes), 1 channel Incorporated 8-bit and 8-stage FIFO (Auto transfer for 1 to 8 bytes), 1 channel – Timer 8-bit timer, 8-bit timer/counter 19-bit time base timer, 32kHz timer/counter – High precision timing pattern generator PPG 19-pin, 32-stage programmable RTG 5 pins, 2 channels – PWM/DA gate output PWM output 12 bits, 2 channels (Repetitive frequency 62.5kHz/16MHz) DA gate pulse output 13 bits, 4channels – Servo input control Capstan FG, drum FG/PG, CTL input – VSYNC separator – FRC capture unit Incorporated 26-bit and 8-stage FIFO – PWM output 14 bits, 1 channel – VISS/VASS circuit Pulse duty auto detection circuit – Remote control receiving circuit 8-bit pulse measurement counter with on-chip 6-stage FIFO – General purpose prescaler 7 bits (SYNC1 input frequency division, FRC capture possible.) – HSYNC counter 12-bit event counter (SYNC1 input count) • Interruption 22 factors, 15 vectors, multi-interruption possible • Standby mode SLEEP/STOP • Package 100-pin ceramic PQFP
|