| Manufacturer | Part # | Datasheet | Description |
 Holtek Semiconductor In... |
HT46R652
|
404Kb / 47P |
A/D with LCD Type 8-Bit OTP MCU
December 19, 2006 |
|
HT56R62
|
720Kb / 108P |
TinyPower A/D Type with LCD 8-Bit OTP MCU
July 20, 2009 |
|
HT56R64
|
723Kb / 90P |
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 8, 2009 |
|
HT56R66
|
801Kb / 104P |
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 8, 2009 |
|
HT56R67
|
810Kb / 104P |
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 14, 2009 |
|
HT56R62
|
786Kb / 108P |
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
|
|
HT56R64
|
674Kb / 90P |
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
|
|
HT56R62
|
5Mb / 145P |
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
March 6, 2013 |
|
HT56R66
|
4Mb / 123P |
TinyPower A/D Type with LCD 8-Bit OTP MCU
2014-04-04 |
|
HT56R67
|
4Mb / 129P |
TinyPower A/D Type with LCD 8-Bit OTP MCU
2014-04-04 |