Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87748A Datasheet (PDF) - Sony Corporation

CXP87748A Datasheet PDF - Sony Corporation
Part # CXP87748A
Download  CXP87748A Download
File Size   556.0 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP87748A Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP87748A Datasheet PDF - Sony Corporation

Part # CXP87748A
Download  CXP87748A Click to download

File Size   556.0 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP87748A Datasheet (HTML) - Sony Corporation


CXP87748A Product details

Description
The CXP87740A/87748A is a CMOS 8-bit microcomputer which consists of A/D converter, serial interface, timer/counter, time base timer, vector interruption, high precision timing pattern generation circuit, PWM generator, PWM for tuner, VISS/VASS circuit, 32kHz timer/event counter, remote control receiving circuit, VCR vertical sync separation circuit and the measuring circuit which measure signals of capstan FG and drum FG/PG and other servo systems, as well as basic configurations like 8-bit CPU, ROM, RAM and I/O port. They are integrated into a single chip.

Features
• A wide instruction set (213 instructions) which cover various types of data
    — 16-bit arithmetic instruction/multiplication and division instructions/boolean bit operation instruction
• Minimum instruction cycle During operation 333ns/12MHz (Supply voltage 3.0 to 5.5V)
    During operation 250ns/16MHz (Supply voltage 4.5 to 5.5V)
    During operation 122µs/32kHz
• Incorporated ROM capacity 40K bytes (CXP87740A) 48K bytes (CXP87748A)
• Incorporated RAM capacity 1344 bytes
• Peripheral functions
    — A/D converter 8-bit, 12-channel, successive approximation system (Conversion time 20.0µs/16MHz)
    — Serial interface Incorporated 8-bit and 8-stage FIFO, 1-channel (1 to 8 bytes auto transfer) 8-bit serial I/O, 1-channel
    — Timer 8-bit timer, 8-bit timer/counter, 19-bit time base timer, 32kHz timer/counter
    — High precision timing pattern generator PPG 19 pins 32-stage programmable RTG 5-pins 2-channel
    — PWM/DA gate output 12-bit, 2-channel (Repetitive frequency 62kHz/16MHz)
    — Servo input control Capstan FG, Drum FG/PG, CTL input
    — VSYNC separator
    — FRC capture unit Incorporated 26-bit and 8-stage FIFO
    — PWM output 14-bit, 1-channel
    — VISS/VASS circuit Pulse duty auto detection circuit
    — Remote control receiving circuit 8-bit pulse measuring counter, 6-stage FIFO
• Interruption 21 factors, 15 vectors, multi-interruption possible
• Standby mode SLEEP/STOP
• Package 100-pin plastic QFP/LQFP
• Piggyback/evaluation chip CXP87700 100-pin ceramic QFP/LQFP




Similar Part No. - CXP87748A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP87700 SONY-CXP87700 Datasheet
261Kb / 8P
CMOS 8-bit Single Chip Microcomputer
CXP877P48A SONY-CXP877P48A Datasheet
560Kb / 27P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP87748A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com