Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87852 Datasheet (PDF) - Sony Corporation

CXP87852 Datasheet PDF - Sony Corporation
Part # CXP87852
Download  CXP87852 Download
File Size   573.88 Kbytes
Page   29 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP87852 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP87852 Datasheet PDF - Sony Corporation

Part # CXP87852
Download  CXP87852 Click to download

File Size   573.88 Kbytes
Page   29 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP87852 Datasheet (HTML) - Sony Corporation


CXP87852 Product details

Description
The CXP87852/87860 is a CMOS 8-bit microcomputer which consists of A/D converter, serial interface, timer/counter, time base timer, high precision timing pattern generation circuit, PWM output, VISS/VASS circuit, 32kHz timer/counter, remote control reception circuit, HSYNC counter, VSYNC separator and the measurement circuit which measures signals of capstan FG and drum FG/PG and other servo systems, as well as basic configurations like 8-bit CPU, ROM, RAM and I/O port. They are integrated into a single chip.
Also the CXP87852/87860 provides sleep/stop functions which enable to lower power consumption.

Features
• A wide instruction set (213 instructions) which covers various types of data
    — 16-bit operation/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle 250ns at 16MHz operation (4.5V to 5.5V) 122µs at 32kHz operation (2.7V to 5.5V)
• Incorporated ROM capacity 52K bytes (CXP87852), 60K bytes (CXP87860)
• Incorporated RAM capacity 2048 bytes
• Peripheral functions
    — A/D converter 8 bits, 12 channels, successive approximation system(Conversion time of 20.0µs at 16MHz)
    — Serial Interface Incorporated buffer RAM (Auto transfer for 1 to 32 bytes), 1 channel
        Incorporated 8-bit and 8-stage FIFO
        (Auto transfer for 1 to 8 bytes), 1 channel
        Incorporated two-wire 8-bit and 8-stage FIFO
        (Auto transfer for 1 to 8 bytes), 1 channel
    — Timer 8-bit timer, 8-bit timer/counter, 19-bit time base timer, 32kHz timer/counter
    — High precision timing pattern generator PPG: maximum of 19 pins, 32 stages programmable
        RTG: 5 pins, 2 channels
    — PWM/DA gate output PWM: 12 bits, 2 channels (Repetitive frequency of 62kHz at 16MHz)
        DA gate pulse output: 13 bits, 4 channels
    — Servo input control Capstan FG, drum FG/PG, CTL input
    — VSYNC separator
    — FRC capture unit Incorporated 26-bit and 8-stage FIFO
    — PWM output 14 bits
    — VISS/VASS circuit Pulse duty auto detection circuit
    — Remote control reception circuit 8-bit pulse measurement counter with on-chip 6-stage FIFO
    — HSYNC counter 12-bit event counter (Counts SYNC1 input.)
• Interruption 23 factors, 15 vectors, multi-interruption possible
• Standby mode Sleep/stop
• Package 100-pin plastic QFP
• Piggyback/evaluator CXP87800 100-pin ceramic PQFP




Similar Part No. - CXP87852

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP87800 SONY-CXP87800 Datasheet
292Kb / 6P
CMOS 8-bit Single Chip Microcomputer
CXP878P60 SONY-CXP878P60 Datasheet
573Kb / 29P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP87852

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com