Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP88616 Datasheet (PDF) - Sony Corporation

CXP88616 Datasheet PDF - Sony Corporation
Part # CXP88616
Download  CXP88616 Download
File Size   404.95 Kbytes
Page   31 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP88616 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP88616 Datasheet PDF - Sony Corporation

Part # CXP88616
Download  CXP88616 Click to download

File Size   404.95 Kbytes
Page   31 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP88616 Datasheet (HTML) - Sony Corporation


CXP88616 Product details

Description
The CXP88616/88624 is a CMOS 8-bit microcomputer which consists of A/D converter, serial interface, timer/counter, time base timer, high precision timing pattern generation circuits, PWM output, VISS/ VASS circuit, remote control receiving circuit, VSYNC separator and the measurement circuit which measure signals of capstan FG amplifier and drum FG/PG amplifier and other servo systems, as well as basic configurations like 8-bit CPU, ROM, RAM and I/O port. They are integrated into a single chip.
Also, CXP88616/88624 provides sleep/stop function which enables to lower power consumption.

Features
• A wide instruction set (213 instructions) which cover various types of data
    — 16-bit arithmetic/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle 250ns at 16MHz operation
• Incorporated ROM capacity 16K bytes (CXP88616) 24K bytes (CXP88624)
• Incorporated RAM capacity 672 bytes (including PPG RAM)
• Peripheral function
    — A/D converter 8 bits, 14 channels, successive approximation system (Conversion time of 20µs/16MHz)
    — Serial interface Incorporated 8-bit, 8-stage FIFO for data (Auto transfer for 1 to 8 bytes), 1 channel
    — Timer 8-bit timer/counter, 2 channels 19-bit time base timer
    — High precision timing pattern generation PPG 19 pins 32-stage programmable circuit RTG 5 pins, 1 channel 5-bit, 8-satge FIFO (RECCTL control), 1channel
    — PWM/DA gate output 12 bits, 2 channels (Repetitive frequency 62.5kHz/16MHz) DA gate pulse output, 13 bits, 2 channels
    — Analog signal input circuit Capstan FG amplifier circuit
                                                   Drum FG amplifier circuit
                                                   Drum PG amplifier circuit
                                                   PBCTL amplifier circuit
    — CTL write/rewrite circuit Recording current control circuit
    — Servo input control Capstan FG, Drum FG/PG, CTL input
    — VSYNC separator
    — FRC capture unit Incorporated 26-bit and 8-stage FIFO
    — VISS/VASS circuit Pulse duty auto detection circuit
    — 32kHz timer/event counter 32kHz oscillation circuit, ultra-low speed instruction mode
    — Remote control reception circuit 8-bit pulse measurement counter, 6-stage FIFO
    — Tri-state output PPG 1 pin, output 8 pins
    — Pseudo HSYNC output function
    — High speed head switching circuit
• Interruption 20 factors, 15 vectors, multi-interruption possible
• Standby mode SLEEP/STOP
• Package 100-pin plastic QFP
• Piggyback/evaluation chip CXP88800 100-pin ceramic QFP




Similar Part No. - CXP88616

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP88100A SONY-CXP88100A Datasheet
145Kb / 5P
CMOS 8-bit Single Chip Microcomputer
CXP88132 SONY-CXP88132 Datasheet
479Kb / 25P
CMOS 8-bit Single Chip Microcomputer
CXP88140 SONY-CXP88140 Datasheet
479Kb / 25P
CMOS 8-bit Single Chip Microcomputer
CXP88152 SONY-CXP88152 Datasheet
482Kb / 25P
CMOS 8-bit Single Chip Microcomputer
CXP88160 SONY-CXP88160 Datasheet
482Kb / 25P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP88616

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com