Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP921064A Datasheet (PDF) - Sony Corporation

CXP921064A Datasheet PDF - Sony Corporation
Part # CXP921064A
Download  CXP921064A Download
File Size   415.82 Kbytes
Page   33 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 16-bit Single Chip Microcomputer

CXP921064A Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP921064A Datasheet PDF - Sony Corporation

Part # CXP921064A
Download  CXP921064A Click to download

File Size   415.82 Kbytes
Page   33 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 16-bit Single Chip Microcomputer

CXP921064A Datasheet (HTML) - Sony Corporation


CXP921064A Product details

Description

The CXP921064A is a CMOS 16-bit microcomputer integrating on a single chip an A/D converter, serial interface, I2C bus interface, timer, real-time pulse generator, clock prescaler, remote control receive circuit, and as well as basic configurations like a 16-bit CPU, ROM, RAM, and I/O port.

This LSI also provides the sleep/stop functions that enable lower power consumption.



Features

• An efficient instruction set as a controller

   — Direct addressing, numerous abbreviated forms, multiplication and division instructions

• Instruction sets for C language and RTOS

   — Highly quadratic instruction system, general purpose register of eigth 16-bit × 16-bank configuration

• Minimum instruction cycle 100ns at 20MHz operation (2.7 to 3.3V)

                                      61µs at 32kMHz operation (2.2 to 3.3V)

• Incorporated ROM capacity 256K bytes

• Incorporated RAM capacity 10K bytes

• Peripheral functions

   — A/D converter 8-bit 12 analog input, 2 channels successive approximation system, automatic scanning function, (Conversion time: 3.4µs at 20MHz)

   — Serial interface 128 -byte buffer RAM, 3 channels 8-stage FIFO, 1 channel (supports special mode master/slave)

   — I2C bus interface 64-byte buffer RAM , 2 channels (supports master/slave and automatic transfer mode)

   — Timers 8-bit timer/counter, 2 channels (with timing output) 16-bit timer, 3 channels

   — Real-time pulse generator 5-bit output, 1 channel (2-stage FIFO)

   — Clock prescaler

   — Remote control receive circuit 8-bit pulse measurement counter, 8-stage FIFO

• Interruption 30 factors, 30 vectors, multi-interruption and priority selection possible

• Standby mode Sleep/stop

• Package 100-pin plastic QFP/LQFP 

              104-pin plastic LFLGA

• Piggy/evaluation chip CXP921000A

• FLASH EEPROM incorporated version CXP921F064A



 




Similar Part No. - CXP921064A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP921000A SONY-CXP921000A Datasheet
273Kb / 9P
CMOS 16-bit Single Chip Microcomputer
More results


Similar Description - CXP921064A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com