Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3083 Datasheet (PDF) - Shenzhen Tenand Technology Co., Ltd.

MOC3083 Datasheet PDF - Shenzhen Tenand Technology Co., Ltd.
Part # MOC3083
Download  MOC3083 Download
File Size   199.98 Kbytes
Page   8 Pages
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.
Description Property of Lite-on Only

MOC3083 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC3083 Datasheet PDF - Shenzhen Tenand Technology Co., Ltd.

Part # MOC3083
Download  MOC3083 Click to download

File Size   199.98 Kbytes
Page   8 Pages
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.
Description Property of Lite-on Only

MOC3083 Datasheet (HTML) - Shenzhen Tenand Technology Co., Ltd.


MOC3083 Product details

FEATURES
* Isolation voltage between input and output Viso : 5,000Vrms
* 6pin DIP zero-cross optoisolators triac driver output
* High repetitive peak off-state voltage VDRM : Min. 800V
* High critical rate of rise of off-state voltage
   ( dv/dt : MIN. 800V / µs )
* Dual-in-line package : MOC3083
* Wide lead spacing package : MOC3083M
* Surface mounting package : MOC3083S
* Tape and reel packaging : MOC3083S-TA1
* Safety approval
   UL / CSA / FIMKO / VDE* approved
   *Required “V” ordering option
  
APPLICATIONS
* AC Motor Drives
* AC Motor Starters
* E.M. Contactors
* Lighting Controls
* Solenoid/Valve Controls
* Solid State Relays
* Static Power Switches
* Temperature Controls




Similar Part No. - MOC3083

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3083 MOTOROLA-MOC3083 Datasheet
291Kb / 6P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
List of Unclassifed Man...
MOC3083 ETC-MOC3083 Datasheet
37Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Fairchild Semiconductor
MOC3083 FAIRCHILD-MOC3083 Datasheet
167Kb / 11P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
logo
Lite-On Technology Corp...
MOC3083 LITEON-MOC3083 Datasheet
270Kb / 8P
Property of Lite-On Only
logo
Guangdong Youtai Semico...
MOC3083 UMW-MOC3083 Datasheet
3Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
More results


Similar Description - MOC3083

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com