Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX074 Datasheet (PDF) - Sony Corporation

ICX074 Datasheet PDF - Sony Corporation
Part # ICX074
Download  ICX074 Download
File Size   243.51 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras

ICX074 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX074 Datasheet PDF - Sony Corporation

Part # ICX074
Download  ICX074 Click to download

File Size   243.51 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras

ICX074 Datasheet (HTML) - Sony Corporation


ICX074 Product details

Description
The ICX074AK is a diagonal 8mm (Type 1/2) interline CCD solid-state image sensor with a square pixel array which supports VGA format. Progressive scan allows all pixels signals to be output independently within approximately 1/60 second. This chip features an electronic shutter with variable charge-storage time which makes it possible to realize full-frame still image without a mechanical shutter. High resolution and high color reproductivity are achieved through the use of R, G, B primary color mosaic filters.

Features
• Progressive scan allows individual readout of the image signals from all pixels.
• High vertical resolusion (480TV-lines) still picture without a mechanical shutter.
• Square pixel unit cell
• VGA format-compatible
• R, G, B primary color mosaic filters on chip
• High resolution, high color reproductivity, high sensitivity, low dark current
• Continuous variable-speed shutter
• Low smear
• Excellent antiblooming characteristics
• Reset gate: 5V drive (bias: no adjustment)




Similar Part No. - ICX074

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX074AL SONY-ICX074AL Datasheet
236Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
More results


Similar Description - ICX074

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX074AL SONY-ICX074AL Datasheet
236Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX075AL SONY-ICX075AL Datasheet
273Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX274AQF SONY-ICX274AQF Datasheet
931Kb / 72P
Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com