Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX229AK Datasheet (PDF) - Sony Corporation

ICX229AK Datasheet PDF - Sony Corporation
Part # ICX229AK
Download  ICX229AK Download
File Size   260.58 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras

ICX229AK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX229AK Datasheet PDF - Sony Corporation

Part # ICX229AK
Download  ICX229AK Click to download

File Size   260.58 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras

ICX229AK Datasheet (HTML) - Sony Corporation


ICX229AK Product details

Description

The ICX229AK is an interline CCD solid-state image sensor suitable for PAL color video cameras. Compared with the current product ICX209AK, smear charactristics are improved drastically and power consumption is reduced. High resolution is achieved through the of Ye, Cy, Mg, and G complementary color mosaic filters. High sensitivity and high saturation signal are achieved by Super HAD CCD technology. This chip features a field period readout system and an electronic shutter with variable charge-storage time. The package is a 10mm-square 14-pin DIP (Plastic).



Features

• Low smear (–100dB Typ. at F5.6)

• Low power consumption
(–38% compared with ICX209AK)

• High sensitivity
(+3dB at F1.2 compared with ICX209AK)

• High saturation signal

• Supply voltage 12V

• Horizontal register: 3.3V drive

• Reset gate: 3.3V drive

• No voltage adjustment
(Reset gate and substrate bias are not adjusted.)

• High resolution,low dark current

• Excellent antiblooming characteristics

• Continuous variable-speed shutter

• Recommended range of exit pupil distance: –20 to –100mm

• Ye, Cy, Mg, and G complementary color mosaic filters on chip




Similar Part No. - ICX229AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX229AL SONY-ICX229AL Datasheet
197Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
More results


Similar Description - ICX229AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX069AK SONY-ICX069AK Datasheet
233Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX069AKB SONY-ICX069AKB Datasheet
198Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX087AK SONY-ICX087AK Datasheet
223Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX087AKB SONY-ICX087AKB Datasheet
189Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX089AK SONY-ICX089AK Datasheet
262Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX207AK SONY-ICX207AK Datasheet
229Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AK SONY-ICX209AK Datasheet
230Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AKB SONY-ICX209AKB Datasheet
195Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX227AK SONY-ICX227AK Datasheet
258Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX279AK SONY-ICX279AK Datasheet
204Kb / 19P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com