Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX249AK Datasheet (PDF) - Sony Corporation

ICX249AK Datasheet PDF - Sony Corporation
Part # ICX249AK
Download  ICX249AK Download
File Size   231.86 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras

ICX249AK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX249AK Datasheet PDF - Sony Corporation

Part # ICX249AK
Download  ICX249AK Click to download

File Size   231.86 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras

ICX249AK Datasheet (HTML) - Sony Corporation


ICX249AK Product details

Description
The ICX249AK is an interline CCD solid-state image sensor suitable for PAL color video cameras with a diagonal 8mm (Type 1/2) system. Compared with the current product ICX039DNA, basic characteristics such as sensitivity, smear, dynamic range and S/N are improved drastically through the adoption of EXview HAD CCDTM technology.
This chip features a field period readout system and an electronic shutter with variable charge-storage time. This chip is compatible with the pins of the ICX039DNA and has the same drive conditions.
EXview HAD CCDTM has different spectral characteristics from the current CCD.

Features
• High sensitivity (+4.0dB compared with the ICX039DNA)
• Low smear (–6dB compared with the ICX039DNA)
• High D range (+2.0dB compared with the ICX039DNA)
• High S/N
• High resolution and low dark current
• Excellent antiblooming characteristics
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
• Continuous variable-speed shutter
• Substrate bias: Adjustment free (external adjustment also possible with 6 to 14V)
• Reset gate pulse: 5Vp-p adjustment free (drive also possible with 0 to 9V)
• Horizontal register: 5V drive




Similar Part No. - ICX249AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX249AL SONY-ICX249AL Datasheet
221Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
More results


Similar Description - ICX249AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX038DNA SONY-ICX038DNA Datasheet
227Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX038DNB SONY-ICX038DNB Datasheet
210Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX039DNA SONY-ICX039DNA Datasheet
227Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039DNB SONY-ICX039DNB Datasheet
212Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX248AK SONY-ICX248AK Datasheet
230Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX419AKL SONY-ICX419AKL Datasheet
201Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX428AKL SONY-ICX428AKL Datasheet
188Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX429AKL SONY-ICX429AKL Datasheet
189Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX419AKB SONY-ICX419AKB Datasheet
197Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX418AKB SONY-ICX418AKB Datasheet
229Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com