Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2140 Datasheet (PDF) - Sanyo Semicon Device

ENA2140 Datasheet PDF - Sanyo Semicon Device
Part # ENA2140
Download  ENA2140 Download
File Size   177.32 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC 2-phase Stepping Motor Driver

ENA2140 Datasheet (PDF)

Go To PDF Page Download Datasheet
ENA2140 Datasheet PDF - Sanyo Semicon Device

Part # ENA2140
Download  ENA2140 Click to download

File Size   177.32 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC 2-phase Stepping Motor Driver

ENA2140 Datasheet (HTML) - Sanyo Semicon Device


ENA2140 Product details

Overview

The STK672-120-SL-E is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control.



Features

• The motor speed can be controlled by the frequency of an external clock signal (the CLOCK pin signal).

• The excitation type is switched according to the state (low or high) of the MODE pin. The mode is set to 2-phase or 1-2phase excitation on the rising edge of the clock signal.

• A motor direction switching pin (the CWB pin) is provided.

• All inputs are schmitt inputs and 40kΩ (typical: –50 to +100%) pull-up resistors are built in.

• The motor current can be set by changing the Vref pin voltage. Since a 0.165Ω current detection resistor is built in, a current of 1A is set for each 0.165V of applied voltage.

• The input frequency range for the clock signal used for motor speed control is 0 to 25kHz.

• Supply voltage ranges: VCC = 10 to 42V, VDD = 5.0V ±5%

• This IC supports motor operating currents of up to 2.4A at Tc = 105°C, and of up to 4.0A at Tc = 25°C.



Applications

• Office photocopiers, printers, etc.

 




Similar Part No. - ENA2140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA2141 SANYO-ENA2141 Datasheet
208Kb / 12P
For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
ENA2141 ONSEMI-ENA2141 Datasheet
256Kb / 12P
Multi-Power Supply IC for Car Audio Systems
August, 2013
ENA2144 ONSEMI-ENA2144 Datasheet
93Kb / 9P
Front Monitor OE-IC for Optical Pickups
May, 2013
logo
Sanyo Semicon Device
ENA2145 SANYO-ENA2145 Datasheet
206Kb / 9P
1ch DC/DC boost converter
More results


Similar Description - ENA2140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-400C-E SANYO-STK672-400C-E Datasheet
137Kb / 19P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com