Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX521A Datasheet (PDF) - Sony Corporation

ILX521A Datasheet PDF - Sony Corporation
Part # ILX521A
Download  ILX521A Download
File Size   114.44 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 256-pixel CCD Linear Image Sensor (B/W)

ILX521A Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX521A Datasheet PDF - Sony Corporation

Part # ILX521A
Download  ILX521A Click to download

File Size   114.44 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 256-pixel CCD Linear Image Sensor (B/W)

ILX521A Datasheet (HTML) - Sony Corporation


ILX521A Product details

Description
The ILX521A is a rectangular reduction type CCD linear image sensor designed for image scanner sensor. A built-in timing generator and clock driver ensure single 5V power supply for easy use.

Features
• Number of effective pixels: 256 pixels
• Pixel size: 14µm × 14µm (14µm pitch)
• Built-in timing generator and clock driver
• Built-in S/H circuit
• Maximum data rate: 2MHz
• Single 5V power supply
• Clear mold package (12-pin SDIP)




Similar Part No. - ILX521A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
More results


Similar Description - ILX521A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX103A SONY-ILX103A Datasheet
100Kb / 12P
3000-pixel CCD Linear Image Sensor (B/W)
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
2048-pixel CCD Linear Image Sensor (B/W)
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
2592-pixel CCD Linear Image Sensor (B/W)
ILX506 SONY-ILX506 Datasheet
134Kb / 14P
5000-pixel CCD Linear Image Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
2048-pixel CCD Linear Image Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
3918-pixel CCD Linear Image Sensor (B/W)
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
2700 pixel CCD Linear Sensor (B/W)
ILX526A SONY-ILX526A Datasheet
204Kb / 13P
3000-pixel CCD Linear Image Sensor (B/W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com