Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2014 Datasheet (PDF) - Sony Corporation

SGM2014 Datasheet PDF - Sony Corporation
Part # SGM2014
Download  SGM2014 Download
File Size   107.43 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GaAs N-channel Dual Gate MES FET?

SGM2014 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGM2014 Datasheet PDF - Sony Corporation

Part # SGM2014
Download  SGM2014 Click to download

File Size   107.43 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GaAs N-channel Dual Gate MES FET?

SGM2014 Datasheet (HTML) - Sony Corporation


SGM2014 Product details

Description
The SGM2014M is an N-channel dual gate GaAs MES FET for UHF band low-noise amplification. This FET is suitable for a wide range of applications including TV tuners, cellular radios, and DBS IF amplifiers.

Features
• Low voltage operation
• Low noise: NF = 1.5dB (typ.) at 900MHz
• High gain: Ga = 18dB (typ.) at 900MHz
• Low cross-modulation
• High stability
• Built-in gate-protection diode
• Standard SOT-143 package

Application
    UHF band amplifier, mixer and oscillator




Similar Part No. - SGM2014

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2014 SONY-SGM2014 Datasheet
51Kb / 5P
GaAs N-channel Dual Gate MES FET
SGM2014 SONY-SGM2014 Datasheet
57Kb / 5P
GaAs N-channel Dual Gate MES FET
logo
SG Micro Corp
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2014-1.5 SGMICRO-SGM2014-1.5 Datasheet
569Kb / 11P
Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2014-1.5YN5/TR SGMICRO-SGM2014-1.5YN5/TR Datasheet
569Kb / 11P
Low Power, Low Dropout, 250mA, RF - Linear Regulators
More results


Similar Description - SGM2014

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Sony Corporation
3SK165A SONY-3SK165A Datasheet
59Kb / 5P
GaAs N-channel Dual Gate MES FET
3SK166A SONY-3SK166A Datasheet
72Kb / 5P
GaAs N-channel Dual Gate MES FET
SGM2013N SONY-SGM2013N Datasheet
54Kb / 5P
GaAs N-channel Dual-Gate MES FET
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
GaAs N-channel Dual Gate MES FET
SGM2014AN SONY-SGM2014AN Datasheet
57Kb / 5P
GaAs N-channel Dual Gate MES FET
SGM2016AM SONY-SGM2016AM Datasheet
61Kb / 5P
GaAs N-channel Dual-Gate MES FET
SGM2016AN SONY-SGM2016AN Datasheet
56Kb / 5P
GaAs N-channel Dual-Gate MES FET
SGM2016M SONY-SGM2016M Datasheet
112Kb / 4P
GaAs N-channel Dual-Gate MES FET
3SK147 SONY-3SK147 Datasheet
510Kb / 4P
GAAS N-CHANNEL DUAL-GATE MES FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com