Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9709 Datasheet (PDF) - Richtek Technology Corporation

RT9709 Datasheet PDF - Richtek Technology Corporation
Part # RT9709
Download  RT9709 Download
File Size   194.76 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Integrated Over Voltage Protection Circuit

RT9709 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9709 Datasheet PDF - Richtek Technology Corporation

Part # RT9709
Download  RT9709 Click to download

File Size   194.76 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Integrated Over Voltage Protection Circuit

RT9709 Datasheet (HTML) - Richtek Technology Corporation


RT9709 Product details

General Description
The RT9709 is an integrated circuit (IC) optimized to protect low voltage system from abnormal high voltage input up to 28V. The IC monitors the input voltage, battery voltage and the charging current to make sure all three parameters are operated in normal range. It also monitors its own temperature and turns the MOSFET off when the chip temperature exceeds 140°C.

Features
● Fully Integrated Protection Circuit for Three Protection Variables
    ► User Programmable OCP Threshold
    ► Input OVP Less than 1us
    ► Battery OVP
● Up to 30V Over Voltage Protection
● High Accuracy Protection Threshold
● High Immunity of False Triggering Under Transients
● Warning Indication Output
● Enable Input
● Thermally Enhanced WDFN Package
● RoHS Compliant and Halogen Free

Applications
● Cellular Phones
● Digital Cameras
● PDAs and Smart Phones
● Portable Instruments




Similar Part No. - RT9709

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
100m POWER DISTRIBUTION SWITCHES
RT9701 RICHTEK-RT9701 Datasheet
285Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
RT9701BGB RICHTEK-RT9701BGB Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
RT9701BGBL RICHTEK-RT9701BGBL Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
More results


Similar Description - RT9709

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
Output over voltage, short circuit, and over current protection
logo
List of Unclassifed Man...
TC-1U35 ETC2-TC-1U35 Datasheet
251Kb / 5P
OVER-VOLTAGE PROTECTION
logo
FSP TECHNOLOGY INC.
FSP180-AAAM1 FSP-FSP180-AAAM1 Datasheet
76Kb / 1P
Over voltage protection
FSP180-AACM1 FSP-FSP180-AACM1 Datasheet
76Kb / 1P
Over voltage protection
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
Over voltage protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
short circuit, over voltage protection, over current protection
logo
MORNSUN Science& Techno...
MA00505VA MORNSUN-MA00505VA Datasheet
330Kb / 4P
Over voltage, Over current, Short circuit protection
MA00505WA MORNSUN-MA00505WA Datasheet
261Kb / 3P
Over voltage, Over current, Short circuit protection
MG01205HA MORNSUN-MG01205HA Datasheet
324Kb / 4P
Over voltage, Over current, Short circuit protection
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
Output Over-Voltage Protection Over Temperature Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com