Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24258-70LE Datasheet (PDF) - Winbond

W24258-70LE Datasheet PDF - Winbond
Part # W24258-70LE
Download  W24258-70LE Download
File Size   203.0 Kbytes
Page   11 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 32K X 8 CMOS STATIC RAM

W24258-70LE Datasheet (PDF)

Go To PDF Page Download Datasheet
W24258-70LE Datasheet PDF - Winbond

Part # W24258-70LE
Download  W24258-70LE Click to download

File Size   203.0 Kbytes
Page   11 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 32K X 8 CMOS STATIC RAM

W24258-70LE Datasheet (HTML) - Winbond


W24258-70LE Product details

GENERAL DESCRIPTION
The W24258 is a normal speed, very low power CMOS static RAM organized as 32768 ´ 8 bits that operates on a wide voltage range from 2.7V to 5.5V power supply. The W24258 family, W24258-70LE and W24258-70LI, can meet requirement of various operating temperature. This device is manufactured using Winbonds high performance CMOS technology.

FEATURES
• Low power consumption:
    - Active: 350 mW (max.)
    - Standby: 6 mW (max.)/3V 25 mW (max.)/5V
• Access time: 70 nS (max.)/5V 100 nS (max.)/3V
• Single 3V/5V power supply
• Fully static operation
• All inputs and outputs directly TTL compatible
• Three-state outputs
• Battery back-up operation capability
• Data retention voltage: 2V (min.)
• Packaged in 28-pin 600 mil DIP, 330 mil SOP and standard type one TSOP (8 mm ´ 13.4 mm)




Similar Part No. - W24258-70LE

ManufacturerPart #DatasheetDescription
logo
Winbond
W24258-70LL WINBOND-W24258-70LL Datasheet
185Kb / 10P
32K X 8 CMOS STATIC RAM
More results


Similar Description - W24258-70LE

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
32K x 8 CMOS Static RAM
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
CMOS 256K (32K x 8) Static RAM
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
CMOS 32K x 8 Static RAM
logo
Winbond
W24256 WINBOND-W24256 Datasheet
147Kb / 10P
32K X 8 CMOS STATIC RAM
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
CMOS 256K (32K x 8) Static RAM
logo
STMicroelectronics
MK48256 STMICROELECTRONICS-MK48256 Datasheet
379Kb / 10P
32K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Winbond
W24257 WINBOND-W24257 Datasheet
106Kb / 10P
32K X 8 CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com