Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24L11 Datasheet (PDF) - Winbond

W24L11 Datasheet PDF - Winbond
Part # W24L11
Download  W24L11 Download
File Size   170.56 Kbytes
Page   11 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128K X 8 High Speed CMOS Static RAM

W24L11 Datasheet (PDF)

Go To PDF Page Download Datasheet
W24L11 Datasheet PDF - Winbond

Part # W24L11
Download  W24L11 Click to download

File Size   170.56 Kbytes
Page   11 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128K X 8 High Speed CMOS Static RAM

W24L11 Datasheet (HTML) - Winbond


W24L11 Product details

GENERAL DESCRIPTION
The W24L11 is a normal-speed, very low-power CMOS static RAM organized as 131072 ´ 8 bits that operates on a wide voltage range from 3.0V to 3.6V power supply. This device is manufactured using Winbonds high performance CMOS technology.

FEATURES
• Low power consumption:
    - Active: 144 mW (max.)
• Access time: 70 nS
• Single 3.3V power supply
• Fully static operation
• All inputs and outputs directly TTL compatible
• Three-state outputs
• Battery back-up operation capability
• Data retention voltage: 2V (min.)
• Packaged in 600 mil DIP, 450 mil SOP, standard type one, TSOP (8 mm ´ 20 mm) , small type one and TSOP (8 mm ´ 13.4 mm)




Similar Part No. - W24L11

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
128K X 8 CMOS STATIC RAM
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
More results


Similar Description - W24L11

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
128K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
128K x 8 HIGH-SPEED CMOS STATIC RAM
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
128K x 8 HIGH-SPEED CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com