Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W26L010A Datasheet (PDF) - Winbond

W26L010A Datasheet PDF - Winbond
Part # W26L010A
Download  W26L010A Download
File Size   131.81 Kbytes
Page   10 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 16 High Speed CMOS Static RAM

W26L010A Datasheet (PDF)

Go To PDF Page Download Datasheet
W26L010A Datasheet PDF - Winbond

Part # W26L010A
Download  W26L010A Click to download

File Size   131.81 Kbytes
Page   10 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 16 High Speed CMOS Static RAM

W26L010A Datasheet (HTML) - Winbond


W26L010A Product details

GENERAL DESCRIPTION
The W26L010A is a high-speed, low-power CMOS static RAM organized as 65,536 ´ 16 bits that operates on a single 3.3-volt power supply. This device is manufactured using Winbonds high performance CMOS technology.
The W26L010A has an active low chip select, separate upper and lower byte selects, and a fast output enable. No clock or refreshing is required. Separate byte select controls (LB and UB ) allow individual bytes to be written and read. LB controls I/O1-I/O8, the lower byte. UB controls I/O9-I/O16, the upper byte. This device is well suited for use in high-density, high-speed system applications.

FEATURES
● High speed access time: 10/12 nS (max.)
● Low power consumption:
   - Active: 530 mW (max.)
● Single +3.3V power supply
● Fully static operation
   - No clock or refreshing
● All inputs and outputs directly TTL compatible
● Three-state outputs
● Data byte control
   - LB (I/O1-I/O8), UB (I/O9-I/O16)
● Available packages: 44-pin 400 mil SOJ and 44-pin TSOP(II)




Similar Part No. - W26L010A

ManufacturerPart #DatasheetDescription
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-15 WINBOND-W26010AJ-15 Datasheet
158Kb / 10P
64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-151 WINBOND-W26010AJ-151 Datasheet
158Kb / 10P
64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-20 WINBOND-W26010AJ-20 Datasheet
158Kb / 10P
64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-25 WINBOND-W26010AJ-25 Datasheet
158Kb / 10P
64K 16 HIGH-SPEED CMOS STATIC RAM
More results


Similar Description - W26L010A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
64K x 16 HIGH SPEED STATIC RAM
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
64K x 16 HIGH SPEED STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com