Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49F002U Datasheet (PDF) - Winbond

W49F002U Datasheet PDF - Winbond
Part # W49F002U
Download  W49F002U Download
File Size   303.88 Kbytes
Page   23 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 256K X 8 CMOS FLASH MEMORY

W49F002U Datasheet (PDF)

Go To PDF Page Download Datasheet
W49F002U Datasheet PDF - Winbond

Part # W49F002U
Download  W49F002U Click to download

File Size   303.88 Kbytes
Page   23 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 256K X 8 CMOS FLASH MEMORY

W49F002U Datasheet (HTML) - Winbond


W49F002U Product details

GENERAL DESCRIPTION

The W49F002U is a 2-megabit, 5-volt only CMOS flash memory organized as 256K ´ 8 bits. The device can be programmed and erased in-system with a standard 5V power supply. A 12-volt VPP is not required. The unique cell architecture of the W49F002U results in fast program/erase operations with extremely low current consumption (compared to other comparable 5-volt flash memory products). The device can also be programmed and erased using standard EPROM programmers.



FEATURES

· Single 5-volt operations:

   - 5-volt Read

   - 5-volt Erase

   - 5-volt Program

· Fast Program operation:

   - Byte-by-Byte programming: 35 mS (typ.)

· Fast Erase operation: 100 mS (typ.)

· Fast Read access time: 70/90/120 nS

· Endurance: 10K cycles (typ.)

· Ten-year data retention

· Hardware data protection

· One 16K byte Boot Block with Lockout protection

· Two 8K byte Parameter Blocks

· Two Main Memory Blocks (96K, 128K) Bytes

· Low power consumption

   - Active current: 25 mA (typ.)

   - Standby current: 20 mA (typ.)

· Automatic program and erase timing with internal VPP generation

· End of program or erase detection

   - Toggle bit

   - Data polling

· Latched address and data

· TTL compatible I/O

· JEDEC standard byte-wide pinouts

· Available packages: 32-pin DIP and 32-pin TSOP and 32-pin-PLCC



 




Similar Part No. - W49F002U

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F020-70 WINBOND-W49F020-70 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F020-70B WINBOND-W49F020-70B Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F020-90 WINBOND-W49F020-90 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F020-90B WINBOND-W49F020-90B Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
More results


Similar Description - W49F002U

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
2M-BIT[256K x 8]CMOS FLASH MEMORY
logo
Winbond
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
256K x 8 CMOS FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com