Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6631 Datasheet (PDF) - Winbond

W6631 Datasheet PDF - Winbond
Part # W6631
Download  W6631 Download
File Size   13.34 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description STEREO AUDIO DAC

W6631 Datasheet (PDF)

Go To PDF Page Download Datasheet
W6631 Datasheet PDF - Winbond

Part # W6631
Download  W6631 Click to download

File Size   13.34 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description STEREO AUDIO DAC

W6631 Datasheet (HTML) - Winbond


W6631 Product details

GENERAL DESCRIPTION
The Winbond W6631CS is a low cost stereo audio DAC chip incorporating 8X digital interpolatioin filters, 64X multi-level oversampling delta-sigma modulators, analog low-pass filter and output amplifiers. The operation voltage for this chip can be from 3.0 volt to 5.25 volt. Moreover, the 16 Bit linear input data for DAC consists of two formats, normal format and I 2S format. In addition, the device provides DAC mute, digital 44.1KHz de-emphasis and format conversions can be set up by external pins.

FEATURES
•  Power Supply: from +3.0 to +5.25 Volt, typically +5 Volt
•  Sampling Clock Rate: 32 K, 44.1 K, and 48 K Hz
•  Master Clock Rate: 384 or 256 times of Sampling
•  Stereo 16 or 18 Bits Linear PCM Data Input
•  Two Types Linear PCM Data Input Format: Normal and I 2S Format
•  Delta-Sigma DAC built-in digital De-emphasis filter, 8X Interpolator, 64X Oversampling Multi-Bit Modulator
•  Stereo DAC Output built-in Analog Low Pass Filter and Ouput Amplifier with 5K W Load
•  Main Control Functions: 44.1khz De-emphasis, Mute, I 2S or Normal Format
•  14 pin SOP Package

APPLICATIONS
    W6631CS is for digital audio applications, such as Audio CD, Video CD, MP-3 player, STB, Multimedia PC and other digital audio/video equipment.




Similar Part No. - W6631

ManufacturerPart #DatasheetDescription
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
STEREO AUDIO DAC
More results


Similar Description - W6631

ManufacturerPart #DatasheetDescription
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
Stereo Audio DAC
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
PCM2704C TI1-PCM2704C_15 Datasheet
1Mb / 47P
Stereo Audio DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com