Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W741L250 Datasheet (PDF) - Winbond

W741L250 Datasheet PDF - Winbond
Part # W741L250
Download  W741L250 Download
File Size   478.74 Kbytes
Page   86 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4-BIT MICROCONTROLLER

W741L250 Datasheet (PDF)

Go To PDF Page Download Datasheet
W741L250 Datasheet PDF - Winbond

Part # W741L250
Download  W741L250 Click to download

File Size   478.74 Kbytes
Page   86 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4-BIT MICROCONTROLLER

W741L250 Datasheet (HTML) - Winbond


W741L250 Product details

GENERAL DESCRIPTION
The W741L250 is a high-performance 4-bit microcontroller (mC) that provides an LCD driver. The device contains a 4-bit ALU, two 8-bit timers, a divider, a 24 ´ 4 LCD driver, and five 4-bit I/O ports (including 1 output port for high sink current). There are also five interrupt sources and 8-level subroutine nesting for interrupt applications. The W741L250 operates on very low voltage and very low current and has two power reduction modes, hold mode and stop mode, which help to minimize power dissipation.
   
FEATURES
• Operating voltage: 1.2V to 1.8V (LCD drive voltage: 3.0V or 4.5V)
• Operating frequency up to 1 MHz
• Crystal/RC oscillation circuit selectable by code option for system clock
• Only low-frequency clock (32.768 KHz) for crystal mode
• Memory
    - 2048 ´ 16 bit program ROM (including 2K ´ 4 bit look-up table)
    - 128 ´ 4 bit data RAM (including 16 working registers)
    - 24 ´ 4 LCD data RAM
• 21 input/output pins
    - Ports for input only: 2 ports/8 pins
    - Input/output ports: 2 ports/8 pins
    - Port for output only: 1 port /4 pins (high sink current)
    - MFP output pin: 1 pin (MFP)
• Power-down mode
    - Hold function: no operation (except for oscillator)
    - Stop function: no operation (including oscillator)
• Five types of interrupts
    - Three internal interrupts (Divider 0, Timer 0, Timer 1)
    - Two external interrupts (Port RC and INT pin)
• LCD driver output
    - 24 segment ´ 4 common
    - Static, 1/2 duty (1/2 bias), 1/3 duty (1/2 or 1/3 bias),
        1/4 duty (1/3 bias) driving mode can be
        selected
    - LCD driver output pins can be used as DC output port by code option
• MFP output pin
    - Output is software selectable as modulating or nonmodulating frequency
    - Works as frequency output specified by Timer 1
• Built-in 14-bit clock frequency divider circuit
• Two built-in 8-bit programmable countdown timers
    - Timer 0: One of two internal clock frequencies
        (FOSC/4 or FOSC/1024) can be selected
    - Timer 1: Offers auto-reload function and one of two internal clock
        frequencies (FOSC or FOSC/64) can be selected or falling edge of
        pin RC.0 can be selected (output through MFP pin)
• Built-in 18/14-bit watchdog timer selectable for system reset
• Powerful instruction set: 116 instructions
• 8-level subroutine (include interrupt) nesting
• Up to 4 mS instruction cycle (with 1 MHz operating frequency)
• Packaged in 64-pin QFP
   




Similar Part No. - W741L250

ManufacturerPart #DatasheetDescription
logo
Winbond
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
More results


Similar Description - W741L250

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
4-BIT MICROCONTROLLER
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
logo
Winbond
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com