Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77LE58 Datasheet (PDF) - Winbond

W77LE58 Datasheet PDF - Winbond
Part # W77LE58
Download  W77LE58 Download
File Size   657.48 Kbytes
Page   81 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8 BIT MICROCONTROLLER

W77LE58 Datasheet (PDF)

Go To PDF Page Download Datasheet
W77LE58 Datasheet PDF - Winbond

Part # W77LE58
Download  W77LE58 Click to download

File Size   657.48 Kbytes
Page   81 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8 BIT MICROCONTROLLER

W77LE58 Datasheet (HTML) - Winbond


W77LE58 Product details

GENERAL DESCRIPTION
The W77LE58 is a fast 8051 compatible microcontroller with a redesigned processor core without wasted clock and memory cycles. As a result, it executes every 8051 instruction faster than the original 8051 for the same crystal speed. Typically, the instruction executing time of W77LE58 is 1.5 to 3 times faster then that of traditional 8051, depending on the type of instruction. In general, the overall performance is about 2.5 times better than the original for the same crystal speed. Giving the same throughput with lower clock speed, power consumption has been improved. Consequently, the W77LE58 is a fully static CMOS design; it can also be operated at a lower crystal clock. The W77LE58 contains 32 KB flash Multiple-Time Programmable(MTP) ROM, and provides operating voltage from 2.7V to 5.5V. All W77LE58 types also support on-chip 1 KB SRAM without external memory component and glue logic, saving more I/O pins for users’ application usage if they use onchip SRAM instead of external SRAM.

FEATURES
• 8-bit CMOS microcontroller
• High speed architecture of 4 clocks/machine cycle runs up to 25 MHz
• Pin compatible with standard 80C52
• Instruction-set compatible with MCS-51
• Four 8-bit I/O Ports
• One extra 4-bit I/O port and Wait State control signal (available on 44-pin PLCC/QFP package)
• Three 16-bit Timers
• 12 interrupt sources with two levels of priority
• On-chip oscillator and clock circuitry
• Two enhanced full duplex serial ports
• 32 KB flash Multiple-Time Programmable(MTP) ROM
• 256 bytes scratch-pad RAM
• 1 KB on-chip SRAM for MOVX instruction
• Programmable Watchdog Timer
• Dual 16-bit Data Pointers
• Software programmable access cycle to external RAM/peripherals
• Packages:
    - DIP 40: W77LE58-25
    - PLCC 44: W77LE58P-25
    - QFP 44: W77LE58F-25




Similar Part No. - W77LE58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W77LE58 ETC2-W77LE58 Datasheet
1Mb / 82P
8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W77LE58 NUVOTON-W77LE58 Datasheet
1Mb / 82P
8-BIT MICROCONTROLLER
logo
Winbond
W77LE58 WINBOND-W77LE58_07 Datasheet
614Kb / 82P
8-BIT MICROCONTROLLER
More results


Similar Description - W77LE58

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com