Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C33B Datasheet (PDF) - Winbond

W78C33B Datasheet PDF - Winbond
Part # W78C33B
Download  W78C33B Download
File Size   134.78 Kbytes
Page   15 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78C33B Datasheet (PDF)

Go To PDF Page Download Datasheet
W78C33B Datasheet PDF - Winbond

Part # W78C33B
Download  W78C33B Click to download

File Size   134.78 Kbytes
Page   15 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78C33B Datasheet (HTML) - Winbond


W78C33B Product details

GENERAL DESCRIPTION
The W78C33B microcontroller supplies a wider frequency range than most 8-bit microcontrollers on the market. It is functional compatible with the industry standard 80C32 microcontroller series except the one extra 4-bit bit-addressable I/O port (Port 4).

FEATURES
• 8-bit CMOS microcontroller
• Fully static design
• Low standby current at full supply voltage
• DC-40 MHz operation
• 256 bytes of on-chip scratchpad RAM
• ROMless operation
• 64K bytes program memory address space
• 64K bytes data memory address space
• Four 8-bit bidirectional ports
• One extra 4-bit bidirectional port
• Three 16-bit timer/counters
• One full duplex serial port
• Boolean processor
• Six-source, two-level interrupt capability
• Built-in power management
• Packages:
    - PLCC 44: W78C33BP-24/40
    - QFP 44: W78C33BF-24/40
    - TQFP 44: W78C33BM-24/40




Similar Part No. - W78C33B

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C31 WINBOND-W78C31 Datasheet
272Kb / 28P
8-BIT EMULATION MICROCONTROLLER
W78C32 WINBOND-W78C32 Datasheet
272Kb / 28P
8-BIT EMULATION MICROCONTROLLER
W78C32B WINBOND-W78C32B Datasheet
546Kb / 14P
8-BIT MICROCONTROLLER
W78C32B-16 WINBOND-W78C32B-16 Datasheet
546Kb / 14P
8-BIT MICROCONTROLLER
W78C32B-24 WINBOND-W78C32B-24 Datasheet
546Kb / 14P
8-BIT MICROCONTROLLER
More results


Similar Description - W78C33B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com