Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C438C Datasheet (PDF) - Winbond

W78C438C Datasheet PDF - Winbond
Part # W78C438C
Download  W78C438C Download
File Size   147.57 Kbytes
Page   16 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78C438C Datasheet (PDF)

Go To PDF Page Download Datasheet
W78C438C Datasheet PDF - Winbond

Part # W78C438C
Download  W78C438C Click to download

File Size   147.57 Kbytes
Page   16 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78C438C Datasheet (HTML) - Winbond


W78C438C Product details

GENERAL DESCRIPTION
The W78C438C is a high-performance single-chip CMOS 8-bit microcontroller that is a derivative of the W78C58 microcontroller family. The W78C438C is functionally compatible with the W78C32, except that it provides either a 64 KB program/1 MB data memory address or memory-mapped chip select logic, five general I/O ports, and four external interrupts.

FEATURES
• 8-bit CMOS microcontroller
• Fully static design
• DC to 40 MHz operation
• ROM-less operation
• 256-byte on-chip scratchpad RAM
• Either 64 KB program/1 MB data memory address space or 4 memory-mapped chip select pins
• One 8-bit data/address port
• Two 8-bit and one 4-bit (optional) address ports
• Five 8-bit bidirectional I/O ports
    - Four 8-bit bit-addressable I/O ports and one 8-bit parallel I/O port
• Eight-source, two-level interrupt capability
• Three 16-bit timer/counters
• Four external interrupts
• One full-duplex serial channel
• Built-in power management
    - Idle mode
    - Power-down mode
• Packages:
    - 84-pin PLCC: W78C438CP-24/40
    - 100-pin PQFP: W78C438CF-24/40




Similar Part No. - W78C438C

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C438C WINBOND-W78C438C Datasheet
260Kb / 22P
8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W78C438C ETC2-W78C438C Datasheet
363Kb / 20P
8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C438C NUVOTON-W78C438C Datasheet
363Kb / 20P
8-BIT MICROCONTROLLER
logo
Winbond
W78C438C40FL WINBOND-W78C438C40FL Datasheet
260Kb / 22P
8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C438C40FL NUVOTON-W78C438C40FL Datasheet
363Kb / 20P
8-BIT MICROCONTROLLER
More results


Similar Description - W78C438C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com