Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C516 Datasheet (PDF) - Winbond

W78C516 Datasheet PDF - Winbond
Part # W78C516
Download  W78C516 Download
File Size   14.38 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78C516 Datasheet (PDF)

Go To PDF Page Download Datasheet
W78C516 Datasheet PDF - Winbond

Part # W78C516
Download  W78C516 Click to download

File Size   14.38 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78C516 Datasheet (HTML) - Winbond


W78C516 Product details

GENERAL DESCRIPTION
The W78C516 is a derivative of the W78C52 microcontroller family that provides extended internal ROM. The chip has 64K bytes of mask ROM and 256 bytes of RAM.
This device provides an enhanced architecture that makes it more powerful and suitable for a variety of applications for general control systems. It provides on-chip 64KB mask ROM to accommodate large program codes, 256-bytes of non-volatile on-chip RAM, four 8-bit I/O ports, one 4-bit I/O port, three 16-bit timer/counters, eight sources with two-level interrupt structures, and on-chip oscillator clock circuits.

FEATURES
• DC to 40 MHz extensive operating frequency
• 256-byte on-chip scratch pad RAM
• 64K-byte on-chip mask ROM
• 64K-byte address space for external Program Memory
• 64K-byte address space for external Data Memory
• Three 16-bit timer/counters
• Four 8-bit bit-addressable I/O ports
• One extra 4-bit bit-addressable I/O port (available on 44-pin PLCC/QFP package)
• Six-source, two priority-level interrupts
• Built-in programmable power-saving modes - Idle mode & Power-down mode
• Packages:
    - DIP 40: W78C516-24/40
    - PLCC 44: W78C516P-24/40
    - QFP 44: W78C516F-24/40




Similar Part No. - W78C516

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C51 WINBOND-W78C51 Datasheet
272Kb / 28P
8-BIT EMULATION MICROCONTROLLER
W78C51D WINBOND-W78C51D Datasheet
255Kb / 18P
8-BIT MICROCONTROLLER
W78C51D-24 WINBOND-W78C51D-24 Datasheet
255Kb / 18P
8-BIT MICROCONTROLLER
W78C51D-40 WINBOND-W78C51D-40 Datasheet
255Kb / 18P
8-BIT MICROCONTROLLER
W78C51DF-24 WINBOND-W78C51DF-24 Datasheet
255Kb / 18P
8-BIT MICROCONTROLLER
More results


Similar Description - W78C516

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com