Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E52B Datasheet (PDF) - Winbond

W78E52B Datasheet PDF - Winbond
Part # W78E52B
Download  W78E52B Download
File Size   306.71 Kbytes
Page   22 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MTP MICROCONTROLLER

W78E52B Datasheet (PDF)

Go To PDF Page Download Datasheet
W78E52B Datasheet PDF - Winbond

Part # W78E52B
Download  W78E52B Click to download

File Size   306.71 Kbytes
Page   22 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MTP MICROCONTROLLER

W78E52B Datasheet (HTML) - Winbond


W78E52B Product details

GENERAL DESCRIPTION
The W78E52B is an 8-bit microcontroller which can accommodate a wider frequency range with low power consumption. The instruction set for the W78E52B is fully compatible with the standard 8051. The W78E52B contains an 8K bytes MTP ROM (Multiple-Time Programmable ROM); a 256 bytes RAM; four 8-bit bi-directional and bit-addressable I/O ports; an additional 4-bit I/O port P4; three 16-bit timer/counters; a hardware watchdog timer and a serial port. These peripherals are supported by eight sources two-level interrupt capability. To facilitate programming and verification, the MTP-ROM inside the W78E52B allows the program memory to be programmed and read electronically. Once the code is confirmed, the user can protect the code for security.
The W78E52B microcontroller has two power reduction modes, idle mode and power-down mode, both of which are software selectable. The idle mode turns off the processor clock but allows for continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power consumption. The external clock can be stopped at any time and in any state without affecting the processor.

FEATURES
• Fully static design 8-bit CMOS microcontroller
• Wide supply voltage of 4.5V to 5.5V
• 256 bytes of on-chip scratchpad RAM
• 8 KB electrically erasable/programmable MTP-ROM
• 64 KB program memory address space
• 64 KB data memory address space
• Four 8-bit bi-directional ports
• One extra 4-bit bit-addressable I/O port, additional INT2 / INT3
   (available on 44-pin PLCC/QFP package)
• Three 16-bit timer/counters
• One full duplex serial port(UART)
• Watchdog Timer
• Eight sources, two-level interrupt capability
• EMI reduction mode
• Built-in power management
• Code protection mechanism
• Packages:
   - DIP 40: W78E52B-24/40
   - PLCC 44: W78E52BP-24/40
   - PQFP 44: W78E52BF-24/40




Similar Part No. - W78E52B

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E52C WINBOND-W78E52C Datasheet
299Kb / 22P
8-BIT MICROCONTROLLER
W78E52C WINBOND-W78E52C Datasheet
223Kb / 22P
8-BIT MICROCONTROLLER
W78E52C WINBOND-W78E52C_06 Datasheet
223Kb / 22P
8-BIT MICROCONTROLLER
More results


Similar Description - W78E52B

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E51B WINBOND-W78E51B Datasheet
324Kb / 23P
8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
8-BIT MTP MICROCONTROLLER
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
8-BIT MTP MICROCONTROLLER
W78LE52 WINBOND-W78LE52 Datasheet
309Kb / 22P
8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
8-BIT MTP MICROCONTROLLER
W78LE812 WINBOND-W78LE812 Datasheet
338Kb / 25P
8-BIT MTP MICROCONTROLLER
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ATMEL Corporation
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
MARC4 -4-bit MTP Universal Microcontroller
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
MARC4 4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
M6759 ETC2-M6759_1 Datasheet
309Kb / 33P
8-bit MTP Micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com