Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E58 Datasheet (PDF) - Winbond

W78E58 Datasheet PDF - Winbond
Part # W78E58
Download  W78E58 Download
File Size   307.44 Kbytes
Page   23 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78E58 Datasheet (PDF)

Go To PDF Page Download Datasheet
W78E58 Datasheet PDF - Winbond

Part # W78E58
Download  W78E58 Click to download

File Size   307.44 Kbytes
Page   23 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78E58 Datasheet (HTML) - Winbond


W78E58 Product details

GENERAL DESCRIPTION
The W78E58 is an 8-bit microcontroller that is functionally compatible with the W78C58, except that the mask ROM is replaced by a flash EEPROM with a size of 32 KB. To facilitate programming and verification, the flash EEPROM inside the W78E58 allows the program memory to be programmed and read electronically. Once the code is confirmed, the user can protect the code for security. The W78E58 microcontroller supplies a wider frequency range than most 8-bit microcontrollers on the market. It is functionally compatible with the industry-standard 80C52 microcontroller series, except that one extra 4-bit bit-addressable I/O port(Port 4) and two additional external interrupts (INT2 , INT3 ).
The W78E58 contains four 8-bit bi-directional and bit-addressable I/O ports, three 16-bit timer/counters, and a serial port. These peripherals are supported by a eight-source, two-level interrupt capability. There are 256 bytes of RAM and an 32 KB flash EEPROM for application programs.
The W78E58 microcontroller has two power reduction modes, idle mode and power-down mode, both of which are software selectable. The idle mode turns off the processor clock but allows for continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power consumption. The external clock can be stopped at any time and in any state without affecting the processor.

FEATURES
● 8-bit CMOS microcontroller
● Fully static design
● Low standby current at full supply voltage
● DC-40 MHz operation
● 256 bytes of on-chip scratchpad RAM
● 32 KB electrically erasable/programmable EPROM
● 64 KB program memory address space
● 64 KB data memory address space
● Four 8-bit bidirectional ports
● One extra 4-bit bit-addressable I/O port, additional INT2 / INT3 (available on 44-pin PLCC/QFP package)
● Three 16-bit timer/counters
● One full duplex serial port
● Boolean processor
● Eight-source, two-level interrupt capability
● Built-in power management
● Code protection mechanism
● Packages:
   - DIP 40: W78E58-16/24/40
   - PLCC 44: W78E58P-16/24/40
   - QFP 44: W78E58F-16/24/40
   - TQFP 44: W78E58M-16/24/40




Similar Part No. - W78E58

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E58B WINBOND-W78E58B Datasheet
419Kb / 31P
8 BIT MICROCONTROLLER
W78E58B WINBOND-W78E58B Datasheet
400Kb / 36P
8-BIT MICROCONTROLLER
W78E58B-24 WINBOND-W78E58B-24 Datasheet
419Kb / 31P
8 BIT MICROCONTROLLER
W78E58BF WINBOND-W78E58BF Datasheet
419Kb / 31P
8 BIT MICROCONTROLLER
W78E58BP WINBOND-W78E58BP Datasheet
419Kb / 31P
8 BIT MICROCONTROLLER
More results


Similar Description - W78E58

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com