Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78L32 Datasheet (PDF) - Winbond

W78L32 Datasheet PDF - Winbond
Part # W78L32
Download  W78L32 Download
File Size   150.89 Kbytes
Page   15 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78L32 Datasheet (PDF)

Go To PDF Page Download Datasheet
W78L32 Datasheet PDF - Winbond

Part # W78L32
Download  W78L32 Click to download

File Size   150.89 Kbytes
Page   15 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78L32 Datasheet (HTML) - Winbond


W78L32 Product details

GENERAL DESCRIPTION

The W78L32 microcontroller supplies a wider frequency range and supply voltages than most 8-bit microcontrollers on the market. It is compatible with the industry standard 80C32 microcontroller series.

The W78L32 contains four 8-bit bidirectional parallel ports, three 16-bit timer/counters and a serial port. These peripherals are supported by a six-source, two-level interrupt capability. There are 256 bytes of RAM, and the device supports ROMless operation for application programs.

The W78L32 microcontroller has two power reduction modes, idle mode and power-down mode, both of which are software selectable. The idle mode turns off the processor clock but allows for continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power consumption. The external clock can be stopped at any time and in any state without affecting the processor.



FEATURES

• Fully static design

• Supply voltage of 1.8V to 5.5V

• Low power consumption at full supply voltage

• DC-24 MHz operation

• 256 bytes of on-chip scratchpad RAM

• 64K bytes program memory address space

• 64K bytes data memory address space

• Four 8-bit bidirectional ports

• Three 16-bit timer/counters

• One full duplex serial port

• Boolean processor

• Six-source, two-level interrupt capability

• Built-in power management

• Packages:

   − DIP 40: W78L32-24

   − PLCC 44: W78L32P-24

   − QFP 44: W78L32F-24

   − Lead Free (RoHS) DIP 40: W78L032A24DL, W78M032A24DL

   − Lead Free (RoHS) PLCC 44: W78L032A24PL, W78M032A24PL

   − Lead Free (RoHS) PQFP 44: W78L032A24FL, W78M032A24FL



 




Similar Part No. - W78L32

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L32 WINBOND-W78L32 Datasheet
262Kb / 18P
8-BIT MICROCONTROLLER
W78L32 WINBOND-W78L32_06 Datasheet
262Kb / 18P
8-BIT MICROCONTROLLER
More results


Similar Description - W78L32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com