Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78L51 Datasheet (PDF) - Winbond

W78L51 Datasheet PDF - Winbond
Part # W78L51
Download  W78L51 Download
File Size   256.09 Kbytes
Page   18 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78L51 Datasheet (PDF)

Go To PDF Page Download Datasheet
W78L51 Datasheet PDF - Winbond

Part # W78L51
Download  W78L51 Click to download

File Size   256.09 Kbytes
Page   18 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78L51 Datasheet (HTML) - Winbond


W78L51 Product details

GENERAL DESCRIPTION
The W78L51 microcontroller supplies a wider frequency and supply voltage range than most 8-bit microcontrollers on the market. It is compatible with the industry standard 80C51 microcontroller series.

FEATURES
• Fully static design
• Supply voltage of 1.8V to 5.5V
• DC-24 MHz operation
• 128 bytes of on-chip scratchpad RAM
• 4K bytes of on-chip mask ROM
• 64K bytes program memory address space
• 64K bytes data memory address space
• Four 8-bit bidirectional ports
• Two 16-bit timer/counters
• One full duplex serial port
• Seven-source, two-level interrupt capability
• One extra 4-bit bit-addressable I/O port
• Two additional external interrupts INT2 / INT3
• Watchdog timer
• EMI reduction mode
• Built-in power management
• Code protection
• Packages:
    - DIP 40: W78L51-24
    - PLCC 44: W78L51P-24
    - QFP 44: W78L51F-24




Similar Part No. - W78L51

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L516A24DL WINBOND-W78L516A24DL Datasheet
415Kb / 37P
8-BIT MICROCONTROLLER
W78L516A24FL WINBOND-W78L516A24FL Datasheet
415Kb / 37P
8-BIT MICROCONTROLLER
W78L516A24LL WINBOND-W78L516A24LL Datasheet
415Kb / 37P
8-BIT MICROCONTROLLER
W78L516A24PL WINBOND-W78L516A24PL Datasheet
415Kb / 37P
8-BIT MICROCONTROLLER
More results


Similar Description - W78L51

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com