Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XO3001 Datasheet (PDF) - RF Monolithics, Inc

XO3001 Datasheet PDF - RF Monolithics, Inc
Part # XO3001
Download  XO3001 Download
File Size   300.64 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 125 MHz Crystal Oscillator

XO3001 Datasheet (PDF)

Go To PDF Page Download Datasheet
XO3001 Datasheet PDF - RF Monolithics, Inc

Part # XO3001
Download  XO3001 Click to download

File Size   300.64 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 125 MHz Crystal Oscillator

XO3001 Datasheet (HTML) - RF Monolithics, Inc




Similar Part No. - XO3001

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO3022 MTRONPTI-XO3022 Datasheet
266Kb / 1P
1.25 x 1 inch, 5.0 Volt, Sinewave, TCXO
XO3030 MTRONPTI-XO3030 Datasheet
317Kb / 1P
1x1.25 inch, 3.3 & 5.0 Volt, HCMOS/Sinewave, TCXO
XO3030 MTRONPTI-XO3030_07 Datasheet
317Kb / 1P
1x1.25 inch, 3.3 & 5.0 Volt, HCMOS/Sinewave, TCXO
XO3067 MTRONPTI-XO3067 Datasheet
208Kb / 1P
1x1.4 inch, 5.0 Volt, TTL/HCMOS/Sinewave, TCXO
XO3070 MTRONPTI-XO3070 Datasheet
204Kb / 1P
1x1 inch, 5.0 Volt, TTL/HCMOS/Sinewave, TCXO
More results


Similar Description - XO3001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXDBA014 ONSEMI-NBXDBA014 Datasheet
100Kb / 6P
3.3 V, 62.5 MHz / 125 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 1
logo
Advanced XTAL Products
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
Crystal Oscillator (PXO) 1000 MHz
2008-01-25
AXE1200 AXTAL-AXE1200 Datasheet
55Kb / 2P
Crystal Oscillator (PXO) 1200 MHz
2008-01-25
logo
TAI-SAW TECHNOLOGY CO.,...
TW0153A TAI-SAW-TW0153A Datasheet
180Kb / 4P
7.0x5.0 PECL Crystal Oscillator 53.125 MHz
TW0284A TAI-SAW-TW0284A Datasheet
272Kb / 5P
7.0x5.0 XO 125 MHz PECL Output Oscillator
logo
Silicon Laboratories
SI510 SILABS-SI510 Datasheet
234Kb / 26P
CRYSTAL OSCILLATOR 100 kHZ TO 250 MHZ
logo
ON Semiconductor
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
List of Unclassifed Man...
501-33920 ETC-501-33920 Datasheet
123Kb / 1P
10 MHz-SC Onyx IV Crystal Oscillator
04-28-21
501-33924 ETC-501-33924 Datasheet
144Kb / 1P
100 MHz-SC ONYX IV Crystal Oscillator
04-28-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com