Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W99132EX Datasheet (PDF) - Winbond

W99132EX Datasheet PDF - Winbond
Part # W99132EX
Download  W99132EX Download
File Size   48.27 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description VCD CONTROLLER

W99132EX Datasheet (PDF)

Go To PDF Page Download Datasheet
W99132EX Datasheet PDF - Winbond

Part # W99132EX
Download  W99132EX Click to download

File Size   48.27 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description VCD CONTROLLER

W99132EX Datasheet (HTML) - Winbond


W99132EX Product details

GENERAL DESCRIPTION

The W99132 is a VCD microcontroller with standard 80C32 core. It contains embedded 12KB SRAM without external memory anymore. It provides improved peripheral function as to communicate with other components conveniently. And a porgrammable Watchdog Timer is dedicated to supervising the system. It also support Remote Control Receiver to sense user command more rapidly and correctly. Additional direct block move operation with auto-increment on source or destination address provide an efficient data move ability.



FEATURES

· 8-Bit CMOS microcontroller

· Up to 50 MHz operation

· Additional instructions of memory to memory move with two 16-bit Data Pointers

· 256-byte Scratchpad RAM

· 12k-byte data memory embedded

· 64k-byte address space for external Program Memory

· 64k-byte address space for external Data Memory

· Three 16-bit timer/counter, the timer0 clock can be programmed

· Four 8-bit bidirectional ports

· A Seven-source interrupt structure with two priority levels

· An additional a programmable watchdog timer

· One enhanced programmable full duplex serial port

· NEC, PHILIPS and SANYO format remote control receiver

· Power-on reset

· Built-in power-saving modes - Idle mode & Power-down mode

· An additional system Clock Output

   (W99132E, W99132P)

· Operating voltage 4.5V ~ 5.5V

· 40-pin DIP package (W99132EX, W99132E)

   44-pin PLCC package (W99132P)

  

APPLICATIONS

· VCD player

· DVD player

· Multimedia system



 




Similar Part No. - W99132EX

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W9908 PULSE-W9908 Datasheet
1Mb / 6P
C-Clip Connector
W9909 PULSE-W9909 Datasheet
3Mb / 7P
C-Clip Connector
logo
Winbond
W99200AF WINBOND-W99200AF Datasheet
17Kb / 1P
MPEG-1 VIDEO ENCODER
W99200F WINBOND-W99200F Datasheet
17Kb / 1P
MPEG-1 VIDEO ENCODER
W9922 WINBOND-W9922 Datasheet
32Kb / 1P
DVD A/V Decoder
More results


Similar Description - W99132EX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2510 PHILIPS-SAA2510 Datasheet
126Kb / 28P
Video CD VCD decoder
1996 May 21
logo
Winbond
W88611P WINBOND-W88611P Datasheet
35Kb / 1P
VCD 4X RF AMP/DIGITAL SERVO & DSP
W9923QF WINBOND-W9923QF Datasheet
35Kb / 1P
VCD Decoder with MP3
logo
List of Unclassifed Man...
ES4118 ETC-ES4118 Datasheet
65Kb / 4P
Super VCD Processor Product Brief
logo
Aimtron Technology
AT5665 AIMTRON-AT5665 Datasheet
416Kb / 11P
5-Channel Motor Driver for DVD/VCD
logo
Silan Microelectronics ...
SC9827 SILAN-SC9827 Datasheet
432Kb / 7P
VCD SIGNAL-CHIP PROCESSOR
SC9660 SILAN-SC9660 Datasheet
290Kb / 7P
VCD SIGNALCHIP PROCESSOR
logo
Vectron International, ...
VCC1FIBR VECTRON-VCC1FIBR Datasheet
93Kb / 1P
5.0 Vcd Option
logo
MOSDESIGN SEMICONDUCTOR...
M3010 MOSDESIGN-M3010 Datasheet
145Kb / 1P
IR TV/VCD TRANSMITTER
2001-10-22
M3014 MOSDESIGN-M3014 Datasheet
79Kb / 9P
IR TV/VCD TRANSMITTER IR CONTROL IC
2004-09-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com