Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W981216 Datasheet (PDF) - Winbond

W981216 Datasheet PDF - Winbond
Part # W981216
Download  W981216 Download
File Size   1316.97 Kbytes
Page   41 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 2M x 4 BANKS x 16 BIT SDRAM

W981216 Datasheet (PDF)

Go To PDF Page Download Datasheet
W981216 Datasheet PDF - Winbond

Part # W981216
Download  W981216 Click to download

File Size   1316.97 Kbytes
Page   41 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 2M x 4 BANKS x 16 BIT SDRAM

W981216 Datasheet (HTML) - Winbond


W981216 Product details

GENERAL DESCRIPTION
W981216BH is a high-speed synchronous dynamic random access memory (SDRAM), organized as 2M words x 4 banks x 16 bits. Using pipelined architecture and 0.175 μm process technology, W981216BH delivers a data bandwidth of up to 143M words per second (-7). To fully comply with the personal computer industrial standard, W981216BH is sorted into three speed grades: -7, -75, and - 8H. The -7 is compliant to the 143 MHz/CL3 or PC133/CL2 specification, the -75 is compliant to the PC133/CL3 specification, the -8H is compliant to the PC100/CL2 specification. For handheld device application, we also provide a low power option, the grade of 75L, with Self Refresh Current under 600μA.

FEATURES
• 3.3V ±0.3V Power Supply
• Up to 143 MHz Clock Frequency
• 2,097,152 Words x 4 banks x 16 bits organization
• Self Refresh Mode: Standard and Low Power
• CAS Latency: 2 and 3
• Burst Length: 1, 2, 4, 8, and full page
• Burst Read, Single Writes Mode
• Byte Data Controlled by DQM
• Power-Down Mode
• Auto-precharge and Controlled Precharge
• 4K Refresh cycles / 64 mS
• Interface: LVTTL
• Packaged in TSOP II 54 pin, 400 mil - 0.80




Similar Part No. - W981216

ManufacturerPart #DatasheetDescription
logo
Winbond
W981216 WINBOND-W981216 Datasheet
2Mb / 44P
2M x 16 bit x 4 Banks SDRAM
W981216AH WINBOND-W981216AH Datasheet
2Mb / 44P
2M x 16 bit x 4 Banks SDRAM
More results


Similar Description - W981216

ManufacturerPart #DatasheetDescription
logo
Winbond
W981216AH WINBOND-W981216AH Datasheet
2Mb / 44P
2M x 16 bit x 4 Banks SDRAM
logo
Elite Semiconductor Mem...
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
2M x 16 Bit x 4 Banks Double Data Rate SDRAM
logo
Winbond
W9812G6GH WINBOND-W9812G6GH Datasheet
1Mb / 42P
2M X 4 BANKS X 16 BITS SDRAM
logo
Elite Semiconductor Mem...
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M53D128168A ESMT-M53D128168A Datasheet
1Mb / 47P
2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D128168A ESMT-M53D128168A_1 Datasheet
1Mb / 46P
2M x 16 Bit x 4 Banks Mobile DDR SDRAM
logo
Winbond
W9812G6JH WINBOND-W9812G6JH_13 Datasheet
834Kb / 42P
2M x 4 BANKS x 16 BITS SDRAM
W9812G6KH WINBOND-W9812G6KH Datasheet
686Kb / 42P
2M X 4 BANKS X 16 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
2M X 4 BANKS X 16 BITS SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com