Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9864G6DB Datasheet (PDF) - Winbond

W9864G6DB Datasheet PDF - Winbond
Part # W9864G6DB
Download  W9864G6DB Download
File Size   1387.89 Kbytes
Page   48 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1M x 4 BANKS x 16 BITS SDRAM

W9864G6DB Datasheet (PDF)

Go To PDF Page Download Datasheet
W9864G6DB Datasheet PDF - Winbond

Part # W9864G6DB
Download  W9864G6DB Click to download

File Size   1387.89 Kbytes
Page   48 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1M x 4 BANKS x 16 BITS SDRAM

W9864G6DB Datasheet (HTML) - Winbond


W9864G6DB Product details

GENERAL DESCRIPTION

W9864G6DB is a high-speed synchronous dynamic random access memory (SDRAM), organized as 1M words × 4 banks × 16 bits. Using pipelined architecture and 0.175 µm process technology, W9864G6DB delivers a data bandwidth of up to 286M bytes per second (-7).

W9864G6DB -7.

Accesses to the SDRAM are burst oriented. Consecutive memory location in one page can be accessed at a burst length of 1, 2, 4, 8 or full page when a bank and row is selected by an ACTIVE command. Column addresses are automatically generated by the SDRAM internal counter in burst operation. Random column read is also possible by providing its address at each clock cycle. The multiple bank nature enables interleaving among internal banks to hide the precharging time.

By having a programmable Mode Register, the system can change burst length, latency cycle, interleave or sequential burst to maximize its performance. W9864G6DB is ideal for main memory in high performance applications.



FEATURES

• 2.7V − 3.6V power supply

• 1048576 words × 4 banks × 16 bits organization

• Self refresh current: Standard and low power

• CAS latency: 2 and 3

• Burst Length: 1, 2, 4, 8, and full page

• Sequential and Interleave burst

• Burst read, single write operation

• Byte data controlled by DQM

• Power-down Mode

• Auto-precharge and controlled precharge

• 4K refresh cycles/ 64 mS

• Interface: LVTTL

• Packaged in BGA 60 balls pitch = 0.65 mm, using PB free materials



 




Similar Part No. - W9864G6DB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
1M 횞 4 BANKS 횞 16 BITS SDRAM
W9864G6GH-5 WINBOND-W9864G6GH-5 Datasheet
1Mb / 43P
1M 횞 4 BANKS 횞 16 BITS SDRAM
W9864G6GH-6 WINBOND-W9864G6GH-6 Datasheet
1Mb / 43P
1M 횞 4 BANKS 횞 16 BITS SDRAM
W9864G6GH-6I WINBOND-W9864G6GH-6I Datasheet
1Mb / 43P
1M 횞 4 BANKS 횞 16 BITS SDRAM
W9864G6GH-7 WINBOND-W9864G6GH-7 Datasheet
1Mb / 43P
1M 횞 4 BANKS 횞 16 BITS SDRAM
More results


Similar Description - W9864G6DB

ManufacturerPart #DatasheetDescription
logo
Winbond
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
1M x 4 BANKS x 16 BITS SDRAM
W9864G6JT WINBOND-W9864G6JT_13 Datasheet
867Kb / 42P
1M x 4 BANKS x 16 BITS SDRAM
W9812G2KB WINBOND-W9812G2KB Datasheet
820Kb / 43P
1M X 4 BANKS X 32 BITS SDRAM
W9812G6KH WINBOND-W9812G6KH Datasheet
686Kb / 42P
2M X 4 BANKS X 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
1M X 4 BANKS X 16 BITS SDRAM
W9864G6KH WINBOND-W9864G6KH Datasheet
705Kb / 42P
1M X 4 BANKS X 16 BITS SDRAM
W9812G2KB-6I-TR WINBOND-W9812G2KB-6I-TR Datasheet
820Kb / 43P
1M X 4 BANKS X 32 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
2M X 4 BANKS X 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
1M X 4 BANKS X 16 BITS SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com