Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9923 Datasheet (PDF) - Winbond

W9923 Datasheet PDF - Winbond
Part # W9923
Download  W9923 Download
File Size   35.47 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description VCD Decoder with MP3

W9923 Datasheet (PDF)

Go To PDF Page Download Datasheet
W9923 Datasheet PDF - Winbond

Part # W9923
Download  W9923 Click to download

File Size   35.47 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description VCD Decoder with MP3

W9923 Datasheet (HTML) - Winbond


W9923 Product details

GENERAL DESCRIPTION

The W9923QF is a high performance single-chip VCD decoder with MP3 playback feature. It performs real-time decompression of ISO/IEC-11172 MPEG (Moving Picture Experts Group) streams, including system layer, audio and video data. It incorporates an 8-bit host interface and a CD interface which make it easy to use. Also, its versatile features help to build high-quality and cost-effective standalone VCD and MP3 applications. W9923QF is pin-to-pin compatible to the well-known VCD decoder, the W9925QF.



FEATURES

Integration

• MPEG-1 system/audio/video decoding and synchronization

• CD-ROM decoding

• Glueless interface to 8051-series micro controllers

• Standard 4-Pin CD Interface

• Supports both Fast Page DRAM and EDO DRAM

• Provides programmable I/O pins for system control

• On Screen Display

• TV timing generation

• User-programmable power-saving mode



System Operations

• Fully supports MP3 in ISO9660 CD format, VCD2.0, VCD1.1, Karaoke CD, CD-I FMV, and CDDA titles

• Digest function, provides quick overviews of contents in one disc or among discs, with audio output

• Versatile playback commands, including slow motion, scan, pause, single frame, video clipping, freeze, and stop

• Provides fast forward play incorporating with speed-up audio

• Enhanced error recovery algorithms to overcome disc scratches and CD-drive errors

• Write/read pictures via host, allows writing Logos on display or capturing pictures from titles



Video Processing

• High quality video output of still pictures (704x480 or 704x576) with only 4M DRAM

• Provides vertical scaling which allows full screen display of 240 (480)-line sources on PAL systems

• Provides filters to enhance image quality for SIF format data on full screen display

• User-programmable fade-in, fade-out effects and adjustable brightness

• 8-bit YCbCr video output



Audio Processing

• Decodes MPEG1 (layer-1, 2, 3) stereo channel audio

• Provides voice cancellation mode for the purpose to remove the voice component in Karaoke titles

• Provides key control functions for Karaoke applications

• Supports 3D and surround sound processing

• Digital volume control and various channel selection modes both in MPEG and CDDA playback

• 16-bit Audio serial PCM output Physical

• Low power consumption: 0.5W at full speed operation

• 3.3V power supply

• 100-pin plastic QFP



APPLICATIONS

  Following figure shows a typical configuration of VCD player with MP3 application.



 




Similar Part No. - W9923

ManufacturerPart #DatasheetDescription
logo
Winbond
W99200AF WINBOND-W99200AF Datasheet
17Kb / 1P
MPEG-1 VIDEO ENCODER
W99200F WINBOND-W99200F Datasheet
17Kb / 1P
MPEG-1 VIDEO ENCODER
W9922 WINBOND-W9922 Datasheet
32Kb / 1P
DVD A/V Decoder
logo
Pulse A Technitrol Comp...
W9922 PULSE-W9922 Datasheet
74Kb / 1P
iDAS splitter bracket
logo
Winbond
W9922QF WINBOND-W9922QF Datasheet
32Kb / 1P
DVD A/V Decoder
More results


Similar Description - W9923

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2510 PHILIPS-SAA2510 Datasheet
126Kb / 28P
Video CD VCD decoder
1996 May 21
logo
Princeton Technology Co...
PT8401 PTC-PT8401 Datasheet
228Kb / 28P
MP3 Audio Decoder
PT8402 PTC-PT8402 Datasheet
45Kb / 4P
MP3, AAC Decoder IC
PT8405 PTC-PT8405 Datasheet
161Kb / 3P
MP3/WMA Decoder and MP3 Encoder IC
PT8406 PTC-PT8406 Datasheet
161Kb / 3P
MP3/WMA Decoder IC
PT8402B PTC-PT8402B_10 Datasheet
185Kb / 5P
MP3 Audio Decoder IC
PT8405 PTC-PT8405_10 Datasheet
161Kb / 3P
MP3/WMA Decoder and MP3 Encoder IC
PT8406 PTC-PT8406_10 Datasheet
161Kb / 3P
MP3/WMA Decoder IC
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E_12 Datasheet
654Kb / 48P
MP3 AUDIO DECODER
logo
ATMEL Corporation
AT89SND2CMP3B ATMEL-AT89SND2CMP3B_14 Datasheet
2Mb / 242P
Stand-alone MP3 Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com