Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS2313 Datasheet (PDF) - TriQuint Semiconductor

TGS2313 Datasheet PDF - TriQuint Semiconductor
Part # TGS2313
Download  TGS2313 Download
File Size   813.14 Kbytes
Page   9 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 4 - 18 GHz VPIN SP3T Switch

TGS2313 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGS2313 Datasheet PDF - TriQuint Semiconductor

Part # TGS2313
Download  TGS2313 Click to download

File Size   813.14 Kbytes
Page   9 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 4 - 18 GHz VPIN SP3T Switch

TGS2313 Datasheet (HTML) - TriQuint Semiconductor


TGS2313 Product details

Product Description

The TriQuint TGS2313 is a 4-18 GHz Single Pole Triple Throw (SP3T) Switch. This part is designed using TriQuint’s proven standard VPIN production process.

The TGS2313 provides a nominal 1.0 dB insertion loss, 12 dB return loss, and 35 dB isolation.

The TGS2313 integrates DC blocking capacitors on all ports and includes decoupled DC bias pads to reduce the number of off-chip components.



Key Features

• 4-18 GHz High Isolation SP3T

• 1.0 dB Typical Insertion Loss

• 35 dB Nominal Isolation

• 12 dB Typical Return Loss

• On-Chip Bias Network

• DC blocked at RF ports

• Chip dimensions: 2.16 x 2.16 x 0.10 mm (0.085 x 0.085 x 0.004 in)



Primary Applications

• EW Receivers

• Radar

• Communications Systems



 




Similar Part No. - TGS2313

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2313 TRIQUINT-TGS2313 Datasheet
807Kb / 9P
4 - 18 GHz VPIN SP3T Switch
logo
Qorvo, Inc
TGS2313 QORVO-TGS2313 Datasheet
333Kb / 8P
4 – 18 GHz VPIN SP3T Switch
Feb 3, 2021
logo
TriQuint Semiconductor
TGS2313 TRIQUINT-TGS2313_15 Datasheet
807Kb / 9P
4 - 18 GHz VPIN SP3T Switch
More results


Similar Description - TGS2313

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5523 ANADIGICS-AWS5523 Datasheet
125Kb / 8P
0.5 to 2.5 GHz SP3T Switch
Rev 0.2
logo
TriQuint Semiconductor
TGS2302 TRIQUINT-TGS2302 Datasheet
231Kb / 9P
4 - 20 GHz VPIN SPDT Switch
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
TriQuint Semiconductor
TGS2302 TRIQUINT-TGS2302_15 Datasheet
580Kb / 9P
4 - 20 GHz VPIN SPDT Switch
TGS2313 TRIQUINT-TGS2313_15 Datasheet
807Kb / 9P
4 - 18 GHz VPIN SP3T Switch
logo
Hexawave, Inc
HWS534_V1 HW-HWS534_V1 Datasheet
88Kb / 3P
GaAs 0.5-3.0 GHz SP3T Switch
logo
Skyworks Solutions Inc.
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
0.1 to 3.5 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF_15 Datasheet
748Kb / 9P
0.1 to 6.0 GHz SP3T Switch
logo
Custom MMIC Design Serv...
CMD234C4 MMIC-CMD234C4 Datasheet
301Kb / 8P
DC-18 GHz SP3T Non-reflective Switch
logo
Skyworks Solutions Inc.
SKYA21062 SKYWORKS-SKYA21062 Datasheet
947Kb / 10P
0.1 to 6.0 GHz SP3T Switch
November 18, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com